Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCE1G02W5 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVCE1G02W5
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G02W5 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVCE1G02W5 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G02W5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVCE1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVCE1G02
Document number: DS32211 Rev. 2 - 2
5 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Over recommended free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ.
Max
Unit
VOH
High Level Output
Voltage
IOH = -100μA
1.4 V to 5.5V
VCC – 0.1
V
IOH = -3mA
1.4 V
1.05
IOH = -4mA
1.65 V
1.2
IOH = -8mA
2.3V
1.9
IOH = -16mA
3 V
2.4
IOH = -24mA
2.3
IOH = -32mA
4.5 V
3.8
VOL
High-level Input Voltage
IOL = 100μA
1.4 V to 5.5V
0.1
V
IOL = 3mA
1.4V
.4
IOL = 4mA
1.65 V
0.45
IOL = 8mA
2.3V
0.3
IOL = 16mA
3 V
0.4
IOL = 24mA
0.55
IOL = 32mA
4.5
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 5
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 10
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.4 V to 5.5V
10
μA
ΔI
CC
Additional Supply
Current
One input at VCC
0.6 V Other inputs
at VCC or GND
3 V to 5.5V
500
μA
Ci
Input Capacitance
Vi = VCC – or GND
3.3
3.5
pF
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 5)
204
oC/W
SOT353
(Note 5)
371
DFN1410
(Note 5)
430
θ
JC
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
52
oC/W
SOT353
(Note 5)
143
DFN1410
(Note 5)
190
Note:
5. Test condition for SOT25, SOT353, and DFN1410: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.


Similar Part No. - 74LVCE1G02W5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02W5 DIODES-74LVCE1G02W5 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
More results

Similar Description - 74LVCE1G02W5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com