Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR218C104CAA Datasheet(PDF) 5 Page - AVX Corporation

Part # SR218C104CAA
Description  Multilayer CeramicLeaded Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218C104CAA Datasheet(HTML) 5 Page - AVX Corporation

  SR218C104CAA Datasheet HTML 1Page - AVX Corporation SR218C104CAA Datasheet HTML 2Page - AVX Corporation SR218C104CAA Datasheet HTML 3Page - AVX Corporation SR218C104CAA Datasheet HTML 4Page - AVX Corporation SR218C104CAA Datasheet HTML 5Page - AVX Corporation SR218C104CAA Datasheet HTML 6Page - AVX Corporation SR218C104CAA Datasheet HTML 7Page - AVX Corporation SR218C104CAA Datasheet HTML 8Page - AVX Corporation SR218C104CAA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
3
In practice the current leads the voltage by some other
phase angle due to the series resistance R
S. The comple-
ment of this angle is called the loss angle and:
Power Factor (P.F.) = Cos f or Sine
Dissipation Factor (D.F.) = tan
for small values of
the tan and sine are essentially equal
which has led to the common interchangeability of the two
terms in the industry.
Equivalent Series Resistance – The term E.S.R. or
Equivalent Series Resistance combines all losses both
series and parallel in a capacitor at a given frequency so
that the equivalent circuit is reduced to a simple R-C series
connection.
Dissipation Factor
The DF/PF of a capacitor tells what percent of the
apparent power input will turn to heat in the capacitor.
Dissipation Factor =
E.S.R.
= (2
π fC) (E.S.R.)
X
C
The watts loss are:
Watts loss = (2
π fCV2) (D.F.)
Very low values of dissipation factor are expressed as their
reciprocal for convenience. These are called the “Q” or
Quality factor of capacitors.
Insulation Resistance – Insulation Resistance is the resis-
tance measured across the terminals of a capacitor and
consists principally of the parallel resistance R
P shown in
the equivalent circuit. As capacitance values and hence the
area of dielectric increases, the I.R. decreases and hence
the product (C x IR or RC) is often specified in ohm farads
or more commonly megohm microfarads. Leakage current
is determined by dividing the rated voltage by IR (Ohm’s
Law).
Dielectric Strength – Dielectric Strength is an expression
of the ability of a material to withstand an electrical stress.
Although dielectric strength is ordinarily expressed in volts,
it is actually dependent on the thickness of the dielectric
and thus is also more generically a function of volts/mil.
Dielectric Absorption – A capacitor does not discharge
instantaneously upon application of a short circuit, but
drains gradually after the capacitance proper has been dis-
charged. It is common practice to measure the dielectric
absorption by determining the “reappearing voltage” which
appears across a capacitor at some point in time after it
has been fully discharged under short circuit conditions.
Corona – Corona is the ionization of air or other vapors
which causes them to conduct current. It is especially
prevalent in high voltage units but can occur with low
voltages as well where high voltage gradients occur. The
energy discharged degrades the performance of the
capacitor and can in time cause catastrophic failures.
CERAMIC CAPACITORS
Multilayer ceramic capacitors are manufactured by mixing
the ceramic powder in an organic binder (slurry) and cast-
ing it by one technique or another into thin layers typically
ranging from about 3 mils in thickness down to 1 mil or
thinner.
Metal electrodes are deposited onto the green ceramic
layers which are then stacked to form a laminated
structure. The metal electrodes are arranged so that their
terminations alternate from one edge of the capacitor to
another. Upon sintering at high temperature the part
becomes a monolithic block which can provide extremely
high capacitance values in small mechanical volumes.
Figure 1 shows a pictorial view of a multilayer ceramic
capacitor.
Multilayer ceramic capacitors are available in a wide range of
characteristics, Electronic Industries Association (EIA) and
the military have established categories to help divide the
The Capacitor
E.S.R.
C
I (Ideal)
I (Actual)
Phase
Angle
Loss
Angle
V
IR
s
f


Similar Part No. - SR218C104CAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR218C104CAR AVX-SR218C104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104CARAP1 AVX-SR218C104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104CARAP1 AVX-SR218C104CARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR218C104CART AVX-SR218C104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR218C104CART AVX-SR218C104CART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR218C104CAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com