Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCE1G02SE-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVCE1G02SE-7
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G02SE-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVCE1G02SE-7 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G02SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVCE1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVCE1G02
Document number: DS32211 Rev. 2 - 2
4 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.4
5.5
V
Data retention only
1.2
V
VIH
High-level Input Voltage
VCC = 1.4 V to 1.95 V
0.65 X VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.4 V to 1.95 V
0.35 X VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
Vcc=1.4 V
-3
mA
VCC = 1.65 V
-4
VCC = 2.3 V
-8
VCC = 3 V
-16
-24
VCC = 4.5 V
-32
IOL
Low-level output current
Vcc=1.4 V
3
mA
VCC = 1.65 V
4
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.4 to 3V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air
temperature
-40
85
ºC
Note:
4. Unused inputs should be held at Vcc or Ground.


Similar Part No. - 74LVCE1G02SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02SE DIODES-74LVCE1G02SE Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
More results

Similar Description - 74LVCE1G02SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com