Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0239-TRPV3GELRX000M2G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # S0239-TRPV3GELRX000M2G
Description  1310nm Video SFP Optical Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

S0239-TRPV3GELRX000M2G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  S0239-TRPV3GELRX000M2G Datasheet HTML 1Page - OPLINK Communications Inc. S0239-TRPV3GELRX000M2G Datasheet HTML 2Page - OPLINK Communications Inc. S0239-TRPV3GELRX000M2G Datasheet HTML 3Page - OPLINK Communications Inc. S0239-TRPV3GELRX000M2G Datasheet HTML 4Page - OPLINK Communications Inc. S0239-TRPV3GELRX000M2G Datasheet HTML 5Page - OPLINK Communications Inc. S0239-TRPV3GELRX000M2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oplink Communications, Inc
S0239. Rev.02. (web) 2012-05-14
5
TRPV3GELRx000M2G
Interfacing the Transceivers
Application Schematics
Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 9.4) there are two distinct address spaces:
R: 4.7 to 10kΩ
CAP Values in µF
No Connection: 7
TX DATA IN+
1H coil or ferrite bead
µ
(<0.2 Ω series resistance)
0.1
TX DATA IN-
TX Disable
0.1
+ 10
0.1
+ 10
to 50 Ωload
3.3V
RX DATA OUT+
RX DATA OUT-
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
TX Fault
Vcc
3.3V
Vcc
50Ω line
50Ω line
50Ω line
50Ω line
R
R
R
R
R
8
5
4
6
2
18
19
3
15
16
13
12
1, 9,10,11,14,17,20
SFP
Base Address A0(hex)
Byte Address
Content
0 – 95
Serial Transceiver ID as defined in SFP MSA
96 – 127
OPLINK Specific
128 – 255
Reserved
Base Address A2(hex)
Byte Address
Content
0 - 55
Alarm & Warnings thresholds & limits
56 - 95
External calibration constants (not used)
96 – 119
Values from real time diagnostic monitoring
120 – 127
Not used
128 – 247
Customer specific, writable area
248 - 255
Not used


Similar Part No. - S0239-TRPV3GELRX000M2G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S02-01-R MACOM-S02-01-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-02-R MACOM-S02-02-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-03-R MACOM-S02-03-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-04-R MACOM-S02-04-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
S02-05-R MACOM-S02-05-R Datasheet
107Kb / 1P
   SOLDERSLEEVE* SHIELD TERMINATOR, IMMERSION RESISTANT, MIL-S-83519/2
More results

Similar Description - S0239-TRPV3GELRX000M2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GELRX000M2G OPLINK-TRPV3GELRX000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
S0189-TRPV3GELRX000E2G OPLINK-S0189-TRPV3GELRX000E2G Datasheet
303Kb / 5P
   Video 1310nm SFP Optical Transceiver
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
TPP4XGFLRXG OPLINK-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDDZ AVAGO-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
Broadcom Corporation.
AFCT-701SDDZ BOARDCOM-AFCT-701SDDZ Datasheet
268Kb / 20P
   10Gb/1Gb Ethernet, 1310nm SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com