Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ4216EFBG-GN-F Datasheet(PDF) 3 Page - Elpida Memory

Part # EDJ4216EFBG-GN-F
Description  4G bits DDR3L SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ4216EFBG-GN-F Datasheet(HTML) 3 Page - Elpida Memory

  EDJ4216EFBG-GN-F Datasheet HTML 1Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 2Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 3Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 4Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 5Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 6Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 7Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 8Page - Elpida Memory EDJ4216EFBG-GN-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
EDJ4204EFBG, EDJ4208EFBG, EDJ4216EFBG
Data Sheet E1922E20 (Ver. 2.0)
3
Pin Configurations
Pin Configurations (
×4/×8 configuration)
/xxx indicates active low signal.
Notes: 1.
Not internally connected with die.
2.
Don't connect. Internally connected.
3.
Input only pins (address, command, CKE, ODT and /RESET) do not supply termination.
Pin name
Function
Pin name
Function
A0 to A15*
3
Address inputs
A10(AP): Auto precharge
A12(/BC): Burst chop
/RESET*
3
Active low asynchronous reset
BA0 to BA2*
3
Bank select
VDD
Supply voltage for internal circuit
DQ0 to DQ7
Data input/output
VSS
Ground for internal circuit
DQS, /DQS
Differential data strobe
VDDQ
Supply voltage for DQ circuit
TDQS, /TDQS
Termination data strobe
VSSQ
Ground for DQ circuit
/CS*
3
Chip select
VREFDQ
Reference voltage for DQ
/RAS, /CAS, /WE*
3
Command input
VREFCA
Reference voltage for CA
CKE*
3
Clock enable
ZQ
Reference pin for ZQ calibration
CK, /CK
Differential clock input
NC*
1
No connection
DM
Write data mask
NU*
2
Not usable
ODT*
3
ODT control
VSS
VDD
1
VDDQ
VSS
VSS
2
VSSQ
DQ0
VSS
DQ2
NC
VSSQ
VDDQ
VREFDQ
VSS
VDD
/CS
BA0
A7
/RESET
NC
A15
VDD
3
NC
DQS
/DQS
NC
/RAS
/CAS
/WE
BA2
A9
A13
7
NC
DM
DQ1
VDD
NC
CK
/CK
A10(AP)
NC
A11
A14
8
VSS
VSSQ VDDQ
VSSQ
DQ3
VSS
NC
VSS
VDD
ZQ
VREFCA
A6
A8
CKE
VSS
VSS
9
VDD
VSSQ
VDDQ
NC
VDD
(Top view)
78-ball FBGA (×4 configuration)
ODT
NC
A
B
C
D
E
F
G
H
J
A3
VDD
A0
A12(/BC) BA1
VDD
A5
VSS
A2
A1
A4
VSS
K
L
M
N
VSS
VDD
1
VDDQ
VSS
VSS
2
VSSQ
DQ0
VSS
DQ2
DQ6
VSSQ
VDDQ
VREFDQ
VSS
VDD
/CS
BA0
A7
/RESET
NC
A15
VDD
3
NC
DQS
/DQS
DQ4
/RAS
/CAS
/WE
BA2
A9
A13
7
NU/(/TDQS)
DM/TDQS
DQ1
VDD
DQ7
CK
/CK
A10(AP)
NC
A11
A14
8
VSS
VSSQ VDDQ
VSSQ
DQ3
VSS
DQ5
VSS
VDD
ZQ
VREFCA
A6
A8
CKE
VSS
VSS
9
VDD
VSSQ
VDDQ
NC
VDD
(Top view)
78-ball FBGA (×8 configuration)
ODT
NC
A
B
C
D
E
F
G
H
J
A3
VDD
A0
A12(/BC) BA1
VDD
A5
VSS
A2
A1
A4
VSS
K
L
M
N


Similar Part No. - EDJ4216EFBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ4216EFBG-GN-F ELPIDA-EDJ4216EFBG-GN-F Datasheet
656Kb / 29P
   Differential clock inputs
More results

Similar Description - EDJ4216EFBG-GN-F

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
D2516EC4BXGGB KINGSTON-D2516EC4BXGGB Datasheet
1Mb / 25P
   4G bist DDR3L SDRAM
06/10/13
logo
Elpida Memory
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDJ4216BASE ELPIDA-EDJ4216BASE Datasheet
1Mb / 146P
   4G bits DDR3 SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
logo
Hynix Semiconductor
H5TC1G83EFR HYNIX-H5TC1G83EFR Datasheet
626Kb / 33P
   1Gb DDR3L SDRAM
H5TC1G43TFR HYNIX-H5TC1G43TFR Datasheet
328Kb / 31P
   1Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com