Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C90 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 3Page - Advanced Micro Devices AM79C90 Datasheet HTML 4Page - Advanced Micro Devices AM79C90 Datasheet HTML 5Page - Advanced Micro Devices AM79C90 Datasheet HTML 6Page - Advanced Micro Devices AM79C90 Datasheet HTML 7Page - Advanced Micro Devices AM79C90 Datasheet HTML 8Page - Advanced Micro Devices AM79C90 Datasheet HTML 9Page - Advanced Micro Devices AM79C90 Datasheet HTML 10Page - Advanced Micro Devices AM79C90 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Am79C90
7
PRELIMINARY
READ
(Input/Output, Three-State)
Indicates the type of operation to be performed in the
current bus cycle. This signal is an output when the
C-LANCE is a Bus Master.
High — Data is taken off the DAL lines by the
C-LANCE.
Low — Data is placed on the DAL lines by the
C-LANCE.
The signal is an input when the C-LANCE is a Bus
Slave.
High — Data is placed on the DAL lines by the
C-LANCE.
Low — Data is taken off the DAL lines by the
C-LANCE.
READY
(Input/Output, Open Drain)
When the C-LANCE is a Bus Master, READY is an
asynchronous acknowledgment from the bus memory
that it will accept data in a WRITE cycle or that it has
put data on the DAL lines in a READ cycle.
As a Bus Slave, the C-LANCE asserts READY when it
has put data on the DAL lines during a READ cycle or
is about to take data off the DAL lines during a write
cycle. READY is a response to DAS and will return High
after DAS has gone High. READY is an input when the
C-LANCE is a Bus Master and an output when the
C-LANCE is a Bus Slave.
RENA
Receive Enable (Input)
A logical input that indicates the presence of carrier on
the channel.
RESET
Reset (Input)
Reset causes the C-LANCE to cease operation, clear
its internal logic, force all three-state buffers to the high-
impedance state, and enter an idle state with the stop
bit of CSR0 set. It is recommended that a 3.3 k
Ω pullup
resistor be connected to this pin.
RX
Receive (Input)
Receive Input Bit Stream.
TCLK
Transmit Clock (Input)
10 MHz clock.
TENA
Transmit Enable (Output)
Transmit Output Bit Stream enable. When asserted, it
enables valid transmit output (TX).
TX
Transmit (Output)
Transmit Output Bit Stream.
V
DD
Power Supply Pin +5 V
±5%
It is recommended that 0.1
µF and 10 µF decoupling
capacitors be used between V
DD and VSS.
V
SS
Ground
Pin 1 and 24 (48-Pin DlPs) should be connected
together externally, as close to the chip as possible.


Similar Part No. - AM79C90

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C90 PULSE-AM79C90 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C901A AMD-AM79C901A Datasheet
739Kb / 90P
   HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJC AMD-AM79C901AJC Datasheet
739Kb / 90P
   HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJCT AMD-AM79C901AJCT Datasheet
739Kb / 90P
   HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJI AMD-AM79C901AJI Datasheet
739Kb / 90P
   HomePHY Single-Chip 1/10 Mbps Home Networking PHY
More results

Similar Description - AM79C90

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
   AT Local Area Network Twisted-Pair Interface Controller
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
   ARCNET Local area network driver land
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
logo
Intersil Corporation
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com