Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ2116EEBG Datasheet(PDF) 2 Page - Elpida Memory

Part # EDJ2116EEBG
Description  2G bits DDR3L SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2116EEBG Datasheet(HTML) 2 Page - Elpida Memory

  EDJ2116EEBG Datasheet HTML 1Page - Elpida Memory EDJ2116EEBG Datasheet HTML 2Page - Elpida Memory EDJ2116EEBG Datasheet HTML 3Page - Elpida Memory EDJ2116EEBG Datasheet HTML 4Page - Elpida Memory EDJ2116EEBG Datasheet HTML 5Page - Elpida Memory EDJ2116EEBG Datasheet HTML 6Page - Elpida Memory EDJ2116EEBG Datasheet HTML 7Page - Elpida Memory EDJ2116EEBG Datasheet HTML 8Page - Elpida Memory EDJ2116EEBG Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
EDJ2108EEBG, EDJ2116EEBG
Data Sheet E1750E31 (Ver. 3.1)
2
Ordering Information
Note: 1.
Please refer to the EDJ2108DEBG, EDJ2116DEBG datasheet (E1712E) when using this device at 1.5V operation, unless
stated otherwise.
Part Number
Operating Frequency
Detailed Information
For detailed electrical specification and further information, please refer to the DDR3L SDRAM General Functionality
and Electrical Condition data sheet (E1927E) and Addendum data sheet (E1928E).
Part number
Die
revision
Organization
(words
× bits)
Internal
banks
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDJ2108EEBG-JS-F
EDJ2108EEBG-GN-F
EDJ2108EEBG-DJ-F
E
256M
× 88
DDR3L-1866M (13-13-13)
DDR3L-1600K (11-11-11)
DDR3L-1333H (9-9-9)
78-ball FBGA
EDJ2116EEBG-JS-F
EDJ2116EEBG-GN-F
EDJ2116EEBG-DJ-F
E
128M
× 16
8
DDR3L-1866M (13-13-13)
DDR3L-1600K (11-11-11)
DDR3L-1333H (9-9-9)
96-ball FBGA
Frequency (Mbps)
Speed
Grade
CL5
CL6
CL7
CL8
CL9
CL10
CL11
CL13
speed bin
(CL-tRCD-tRP)
-JS
667
800
1066
1066
1333
1333
1600
1866
DDR3L-1866
(13-13-13)
-GN
667
800
1066
1066
1333
1333
1600
DDR3L-1600
(11-11-11)
-DJ
667
800
1066
1066
1333
1333
DDR3L-1333
(9-9-9)
Elpida Memory
Density / Bank
21: 2Gb / 8-bank
Organization
08: x8
16: x16
Power Supply
E: 1.35V
Die Rev.
Package
BG: FBGA
Speed
JS: DDR3-1866M (13-13-13)
GN: DDR3-1600K (11-11-11)
DJ: DDR3-1333H (9-9-9)
Product Family
J: DDR3
Type
D: Packaged Device
E D J 21 08 E E BG - JS - F
Environment code
F: Lead Free (RoHS compliant)
and Halogen Free


Similar Part No. - EDJ2116EEBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2116EEBG-DJ-F ELPIDA-EDJ2116EEBG-DJ-F Datasheet
606Kb / 32P
   Differential clock inputs
EDJ2116EEBG-GN-F ELPIDA-EDJ2116EEBG-GN-F Datasheet
606Kb / 32P
   Differential clock inputs
EDJ2116EEBG-JS-F ELPIDA-EDJ2116EEBG-JS-F Datasheet
606Kb / 32P
   Differential clock inputs
More results

Similar Description - EDJ2116EEBG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
E1922E20 ELPIDA-E1922E20 Datasheet
426Kb / 29P
   4G bits DDR3L SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com