Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ2116DEBG-JS-F Datasheet(PDF) 8 Page - Elpida Memory

Part # EDJ2116DEBG-JS-F
Description  2G bits DDR3 SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ2116DEBG-JS-F Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDJ2116DEBG-JS-F Datasheet HTML 4Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 5Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 6Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 7Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 8Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 9Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 10Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 11Page - Elpida Memory EDJ2116DEBG-JS-F Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
EDJ2108DEBG, EDJ2116DEBG
Data Sheet E1712E60 (Ver. 6.0)
8
1.4
IDD and IDDQ Measurement Conditions
In this chapter, IDD and IDDQ measurement conditions such as test load and patterns are defined.
The figure Measurement Setup and Test Load for IDD and IDDQ Measurements shows the setup and test load for IDD
and IDDQ measurements.
• IDD currents (such as IDD0, IDD1, IDD2N, IDD2NT, IDD2P0, IDD2P1, IDD2Q, IDD3N, IDD3P, IDD4R, IDD4W,
IDD5B, IDD6, IDD6ET, IDD6TC and IDD7) are measured as time-averaged currents with all VDD balls of the DDR3
SDRAM under test tied together. Any IDDQ current is not included in IDD currents.
• IDDQ currents (such as IDDQ2NT and IDDQ4R) are measured as time-averaged currents with all VDDQ balls of
the DDR3 SDRAM under test tied together. Any IDD current is not included in IDDQ currents.
Note:IDDQ values cannot be directly used to calculate I/O power of the DDR3 SDRAM. They can be used to support
correlation of simulated I/O power to actual I/O power as outlined in correlation from simulated channel I/O
power to actual channel I/O power supported by IDDQ measurement.
For IDD and IDDQ measurements, the following definitions apply:
• L and 0: VIN
≤ VIL(AC)max
• H and 1: VIN
≥ VIH(AC)min
• MID-LEVEL: defined as inputs are VREF = VDDQ / 2
• FLOATING: don't care or floating around VREF.
• Timings used for IDD and IDDQ measurement-loop patterns are provided in Timings used for IDD and IDDQ
Measurement-Loop Patterns table.
• Basic IDD and IDDQ measurement conditions are described in Basic IDD and IDDQ Measurement Conditions
table.
Note:The IDD and IDDQ measurement-loop patterns need to be executed at least one time before actual IDD or
IDDQ measurement is started.
• Detailed IDD and IDDQ measurement-loop patterns are described in IDD0 Measurement-Loop Pattern table
through IDD7 Measurement-Loop Pattern table.
• IDD Measurements are done after properly initializing the DDR3 SDRAM. This includes but is not limited to setting.
RON = RZQ/7 (34
Ω in MR1);
Qoff = 0B (Output Buffer enabled in MR1);
RTT_Nom = RZQ/6 (40
Ω in MR1);
RTT_WR = RZQ/2 (120
Ω in MR2);
TDQS Feature disabled in MR1
• Define D = {/CS, /RAS, /CAS, /WE} : = {H, L, L, L}
• Define /D = {/CS, /RAS, /CAS, /WE} : = {H, H, H, H}


Similar Part No. - EDJ2116DEBG-JS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2116DEBG-JS-F ELPIDA-EDJ2116DEBG-JS-F Datasheet
565Kb / 33P
   Differential clock inputs
More results

Similar Description - EDJ2116DEBG-JS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
E1750E31 ELPIDA-E1750E31 Datasheet
606Kb / 32P
   2G bits DDR3L SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com