Electronic Components Datasheet Search |
|
6000-0IA1-42002 Datasheet(PDF) 6 Page - Emcore Corporation |
|
6000-0IA1-42002 Datasheet(HTML) 6 Page - Emcore Corporation |
6 / 6 page DATASHEET | NOVEMBER 2013 FIBER OPTICS | REV 2013.11 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Model Number InformationNote 3 6000 – □ □ □ □ - □ □ □ □ □ Logo & Customer Specific Link Type Pout (dBm min) Note 1 Loading Type Optics RF Wavelength (nm) Power Supply 0 – EMCORE Logo I – 0 to 100 km D – 10/10 Note 4 1 – All Channel Plans 1 – SC/APC, Rear 1 – RF IN Rear, TP Front 00 –1555+/- 5.0 nm 1 – AC primary, no secondary 1 – no Logo A – 7.0/7.0 2 – FC/APC, Rear 2 – RF IN Front, TP Front 01 – 1550+/- 5.0 nm 2 – DC primary, no secondary 3 – E2000/APC, Rear 3 – RF IN Front, TP Rear xx – ITU Channel +/- 0.1 nm Note 2 3 – AC primary, AC secondary 4 – SC/APC, Front 4 – RF IN Rear, TP Rear 4 – AC primary, DC secondary 5 – FC/APC, Front 5 – DC primary, DC secondary 6 – E2000/APC, Front Note 1: Options available for Indicated types only Note 2: ITU grid wavelengths can be specified from channel 18 to 40 Note 3: Not all configurations are available, contact factory Note 4: CSO port 2 degraded by 1dB Note 5: Contact Factory for Model type availability Additional Kits G3708-006-001 - Replaceable AC power supply modules G3708-005-001 - Replaceable DC power supply modules G7914-076-001 - Replaceable Blank power module plate G3906-008-001 - Replaceable fans Laser Safety Information This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class 1M laser product. During use as intended, the laser energy is fully contained within the fiber network such that there is no accessible laser radiation. This product has been issued accession number 0820466-001. I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter |
Similar Part No. - 6000-0IA1-42002 |
|
Similar Description - 6000-0IA1-42002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |