Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1750E31 Datasheet(PDF) 1 Page - Elpida Memory

Part # E1750E31
Description  2G bits DDR3L SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

E1750E31 Datasheet(HTML) 1 Page - Elpida Memory

  E1750E31 Datasheet HTML 1Page - Elpida Memory E1750E31 Datasheet HTML 2Page - Elpida Memory E1750E31 Datasheet HTML 3Page - Elpida Memory E1750E31 Datasheet HTML 4Page - Elpida Memory E1750E31 Datasheet HTML 5Page - Elpida Memory E1750E31 Datasheet HTML 6Page - Elpida Memory E1750E31 Datasheet HTML 7Page - Elpida Memory E1750E31 Datasheet HTML 8Page - Elpida Memory E1750E31 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Document. No. E1750E31 (Ver. 3.1)
Date Published September 2012 (K) Japan
Printed in Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2010-2012
DATA SHEET
COVER
Specifications
• Density: 2G bits
• Organization
— 32M words
× 8 bits × 8 banks (EDJ2108EEBG)
— 16M words
× 16 bits × 8 banks (EDJ2116EEBG)
• Package
— 78-ball FBGA (EDJ2108EEBG)
— 96-ball FBGA (EDJ2116EEBG)
— Lead-free (RoHS compliant) and Halogen-free
• Power supply: 1.35V (typ)
— VDD = 1.283V to 1.45V
— Backward compatible for VDD, VDDQ
= 1.5V
± 0.075V
• Data rate
— 1866Mbps/1600Mbps/1333Mbps (max)
• 1KB page size (EDJ2108EEBG)
— Row address: A0 to A14
— Column address: A0 to A9
• 2KB page size (EDJ2116EEBG)
— Row address: A0 to A13
— Column address: A0 to A9
• Eight internal banks for concurrent operation
• Burst length (BL): 8 and 4 with Burst Chop (BC)
• Burst type (BT):
— Sequential (8, 4 with BC)
— Interleave (8, 4 with BC)
• /CAS Latency (CL): 5, 6, 7, 8, 9, 10, 11, 13
• /CAS Write Latency (CWL): 5, 6, 7, 8, 9
• Precharge: auto precharge option for each burst
access
• Driver strength: RZQ/7, RZQ/6 (RZQ = 240
Ω)
• Refresh: auto-refresh, self-refresh
• Refresh cycles
— Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
— TC = 0
°C to +95°C
Features
• Double-data-rate architecture: two data transfers per
clock cycle
• The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• On-Die Termination (ODT) for better signal quality
— Synchronous ODT
— Dynamic ODT
— Asynchronous ODT
• Multi Purpose Register (MPR) for pre-defined pattern
read out
• ZQ calibration for DQ drive and ODT
• /RESET pin for Power-up sequence and reset function
• SRT range:
— Normal/extended
• Programmable Output driver impedance control
• Seamless BL4 access with bank-grouping
— Applied only for DDR3-1333 and 1600
2G bits DDR3L SDRAM
EDJ2108EEBG (256M words
× 8 bits)
EDJ2116EEBG (128M words
× 16 bits)


Similar Part No. - E1750E31

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E17 DBLECTRO-E17 Datasheet
246Kb / 1P
   D-SUM IDCB FOR ROUND CABLE
E17-09-F-A-N-A-A-1 DBLECTRO-E17-09-F-A-N-A-A-1 Datasheet
246Kb / 1P
   D-SUM IDCB FOR ROUND CABLE
E17-09-F-A-N-B-A-1 DBLECTRO-E17-09-F-A-N-B-A-1 Datasheet
246Kb / 1P
   D-SUM IDCB FOR ROUND CABLE
E17-09-F-A-N-C-A-1 DBLECTRO-E17-09-F-A-N-C-A-1 Datasheet
246Kb / 1P
   D-SUM IDCB FOR ROUND CABLE
E17-09-F-A-P-A-A-1 DBLECTRO-E17-09-F-A-P-A-A-1 Datasheet
246Kb / 1P
   D-SUM IDCB FOR ROUND CABLE
More results

Similar Description - E1750E31

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
E1922E20 ELPIDA-E1922E20 Datasheet
426Kb / 29P
   4G bits DDR3L SDRAM
EDE2116ABSE ELPIDA-EDE2116ABSE Datasheet
642Kb / 81P
   2G bits DDR2 SDRAM
EDE2104ABSE ELPIDA-EDE2104ABSE Datasheet
782Kb / 81P
   2G bits DDR2 SDRAM
EDE2108AEBG-8E-F ELPIDA-EDE2108AEBG-8E-F Datasheet
498Kb / 73P
   2G bits DDR2 SDRAM
EDE2116AEBG ELPIDA-EDE2116AEBG Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
E1712E60 ELPIDA-E1712E60_13 Datasheet
404Kb / 33P
   2G bits DDR3 SDRAM
EDE2116AEBG-8E-F ELPIDA-EDE2116AEBG-8E-F Datasheet
528Kb / 73P
   2G bits DDR2 SDRAM
EDJ2104BASE ELPIDA-EDJ2104BASE Datasheet
1Mb / 148P
   2G bits DDR3 SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
   8G bits DDR3L SDRAM, DDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com