Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7820R-085-SU-054 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 7820R-085-SU-054
Description  5-200 MHz RFoG Return Path
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7820R-085-SU-054 Datasheet(HTML) 5 Page - Emcore Corporation

  7820R-085-SU-054 Datasheet HTML 1Page - Emcore Corporation 7820R-085-SU-054 Datasheet HTML 2Page - Emcore Corporation 7820R-085-SU-054 Datasheet HTML 3Page - Emcore Corporation 7820R-085-SU-054 Datasheet HTML 4Page - Emcore Corporation 7820R-085-SU-054 Datasheet HTML 5Page - Emcore Corporation 7820R-085-SU-054 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Pin Definitions
Pin
Function
1
GND
2
+5V
3
GND
4
RF OUT
5
GND
6
+12V
7
PD MONITOR
8
GND
7820R Optical Receiver
5-200 MHz RFoG Return Path


Similar Part No. - 7820R-085-SU-054

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820R-085-SU-054 EMCORE-7820R-085-SU-054 Datasheet
613Kb / 6P
   Optical Receiver
More results

Similar Description - 7820R-085-SU-054

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   200 MHz HFC Return Path
logo
TriQuint Semiconductor
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814_15 Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
logo
Qorvo, Inc
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
TAT3814 TRIQUINT-TAT3814 Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2328 TRIQUINT-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com