Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFG3052C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AFG3052C
Description  Arbitrary Function Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3052C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AFG3052C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Arbitrary Function Generators — AFG3000C Series
Characteristic
AFG3011C
AFG3021C
AFG3022C
AFG3051C
AFG3052C
AFG3101C
AFG3102C
AFG3251C
AFG3252C
Other Waveforms
1µHz to 100kHz
1µHz to 500kHz
1 μHz to 800 kHz
1 µHz to 1 MHz
1 µHz to 2.4 MHz
NoiseBandwidth (-3dB)
10 MHz
25 MHz
50 MHz
100 MHz
240 MHz
Noise type
White Gaussian
Internal Noise Add
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (Vp-p) setting
Resolution
1%
DC (into 50 Ω)
-10 V to +10 V
-5 Vto+5V
–5 V to+5V
-5 Vto +5 V
-2.5 V to +2.5 V
Arbitrary Waveforms
1 mHz to 5 MHz
1 mHz to 12.5 MHz
1 mHz to 25 MHz
1 mHz to 50 MHz
1 mHz to 120 MHz
Arbitrary waveforms in
Burst Mode
1 mHz to 2.5MHz
1 mHz to 6.25 MHz
1 mHz to 12.5 MHz
1mHz to 25 MHz
1 mHzto60MHz
Effective analog
bandwidth (-3 dB)
8 MHz
70 MHz
100 MHz
225 MHz
Nonvolatile memory
4 waveforms
Memory: Sample rate
(1K=1024 points)
2to128 K: 250MS/s
2 to 128K:250 MS/s
2 to 16 K: 1 GS/s
>16 K to 128 K: 250 MS/s
2to 16K:1GS/s
>16Kto 128K:250 MS/s
2 to16K:2GS/s
>16 K to 128 K: 250 MS/s
Vertical resolution
14 bits
Rise/Fall time
≤80 ns
≤14 ns
≤10 ns
≤8ns
≤3ns
Jitter (RMS), typical
4ns
4 ns
1nsat 1 GS/s
4nsat 250 MS/s
1nsat 1 GS/s
4nsat250 MS/s
500 ps at 2 GS/s
4nsat 250 MS/s
Amplitude
Range (50 Ω load)
20 mVp-p to 20 Vp-p
10 mVp-p to 10 Vp-p
10 mVp-p to 10 Vp-p
20 mVp-p to 10 Vp-p
≤200 MHz: 50 mVp-p
to5Vp-p
>200 MHz: 50 mVp-p
to4Vp-p
Range (open circuit or
High Z)
40 mVp-p to 40 Vp-p
20 mVp-p to 20 Vp-p
20 mVp-p to 20 Vp-p
40 mVp-p to 20 Vp-p
≤200 MHz: 100 mVp-p
to 10 Vp-p
>200 MHz: 100 mVp-p
to8Vp-p
Accuracy
±(2% of setting +2 mV)
(1 kHzsinewave, 0V
offset, >20 mVp-p amplitude)
±(1% of setting +1 mV) (1 kHz sine wave, 0 V offset, >10 mVp-p amplitude)
Resolution
0.1 mVp-p,0.1 mVRMS, 1 mV, 0.1 dBm or 4 digits
Units
Vp-p,VRMS, dBm (sine wave only) and Volt (high/low setting)
Output impedance
50 Ω
Load impedance setting
Selectable: 50 Ω,1Ω to 10.0 kΩ, High Z (Adjusts displayed amplitude according to selected load impedance)
Isolation
<42 Vpk maximum to earth
Short-circuit protection
Signal outputs are robust against permanent shorts against floating ground
External voltage
protection
To protect signal outputs against external voltages use fuse adapter 013-0345-xx
DC Offset
Range (50 Ω load)
±(10 Vpk –Amplitudepp/2)
±(5 Vpk – Amplitudepp/2)
±(5 Vpk – Amplitudepp/2)
±5 Vpk DC
±2.5 Vpk DC
Range (open circuit or
High Z)
±(20 Vpk –Amplitudepp/2)
±(10 Vpk – Amplitudepp/2)
±(10 Vpk – Amplitudepp/2)
±10 Vpk DC
±5 Vpk DC
Accuracy
±(2% of |setting| + 10 mV +
1% of amplitude (Vp-p))
±(1% of |setting| + 5 mV + 0.5% of amplitude (Vp-p))
Resolution
1 mV
www.tektronix.com 3


Similar Part No. - AFG3052C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG3052C TEKTRONIX-AFG3052C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
More results

Similar Description - AFG3052C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
   Arbitrary Function Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
   UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
logo
Keysight Technologies
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
   30 MHz Function/Arbitrary Waveform Generators
logo
B&K Precision Corporati...
4060B BK-4060B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
4050B BK-4050B Datasheet
2Mb / 5P
   Dual Channel Function/Arbitrary Waveform Generators
logo
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
   40 and 20 MHz Arbitrary Function Generators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com