Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFG2021 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet
Superior Performance at an Affordable Price
Most electronic devices, circuits, and systems are designed to handle some
form of signal. These signals can be simple like an audio frequency or
clock signal or more complex like a serial data stream or the output of an
airbag sensor during a crash. With 20 MHz bandwidth, 14-bit resolution,
and 250 MS/s sample rate, the AFG2021 Arbitrary Function Generator can
create both simple and complex signals at an entry-level price. With 12
standard waveforms, modulation capability, and a built-in noise generator
you can quickly create the signal you need to thoroughly exercise your
designs.
Intuitive User Interface
The innovative ease-of-use features first seen on the AFG3000 Series
arbitrary/function generators are the building blocks for the AFG2021,
providing quick access to setup and operational features. Experienced
AFG3000 users will find it especially easy to set up the new AFG2021. A
3.5 inch color TFT screen shows relevant parameters in both graphic and
text formats, so you can have full confidence in your settings and focus on
the task at hand. The front-panel shortcut buttons and rotary knob provide
quick access to the most frequently used functions and settings.
Frequency range from 1 μHz to 20 MHz, supports a wide range of amplifier and filter
testing applications.
Excellent Frequency Agility
Traditional function generators created their output signals using analog
oscillators and signal conditioning. The Tektronix AFG2021 relies on
Direct Digital Synthesis (DDS) techniques. DDS technology synthesizes
waveforms by using a single clock frequency to generate any frequency
within the instrument’s range. DDS architecture provides exceptional
frequency agility, making it possible to program fast frequency and phase
changes, which is useful for testing radio and satellite system components,
amplifiers, and filters.
2 www.tektronix.com


Similar Part No. - AFG2021

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
More results

Similar Description - AFG2021

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
   ARBITRARY FUNCTION GENERATOR
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
   Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Agilent(Hewlett-Packard...
81150A HP-81150A Datasheet
627Kb / 28P
   Pulse Function Arbitrary Noise Generator
logo
Good Will Instrument Co...
AFG-125 GWINSTEK-AFG-125 Datasheet
1Mb / 2P
   USB MODULAR ARBITRARY FUNCTION GENERATOR
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com