Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0JE1-44011 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6000-0JE1-44011
Description  J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0JE1-44011 Datasheet(HTML) 2 Page - Emcore Corporation

  6000-0JE1-44011 Datasheet HTML 1Page - Emcore Corporation 6000-0JE1-44011 Datasheet HTML 2Page - Emcore Corporation 6000-0JE1-44011 Datasheet HTML 3Page - Emcore Corporation 6000-0JE1-44011 Datasheet HTML 4Page - Emcore Corporation 6000-0JE1-44011 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical Characteristics
Property
Units
6000-0JE1
Comments
Performance (note 1-9)
Performance for channel plans with SAT-IF
loading
Specified Link Length
L (km)
25
25
25
Channel Plan
NTSC 20+ 60-64
QAM
NTSC 80-Ch
PAL 60-Ch
With 36 QPSK carriers from
950 to 2800 MHz
Optical Output Power
Po (dBm)
8.5/8.5
8.5/8.5
8.5/8.5
Min. 10 dBm version avail.
See Chart
Noise Bandwidth
BW (MHz)
4
4
5
SBS Suppression
(dBm)
11 to 17
11 to 17
11 to 17
Min.
CATV Carrier to Noise Ratio
CNR (dB)
58.5
51.0
51.0
Min.
CATV Composite Second Order
CSO (dBc)
-67
-65
-65
Max. Port 1
CATV Composite Triple Beat
CTB (dBc)
-67
-65
-65
Max. @ +25
°C
CATV Composite Triple Beat
CTB (dBc)
-66
-64
-64
Max. @ 0
oC to 50oC
SAT-IF Carrier to Noise Ratio
CNR (dB)
27
27
27
Min.
SAT-IF Intermodulation Products
(dBc)
-35
-35
-35
Max. Port 1
SAT-IF Spurious Products
(dBc)
-38
-38
-38
Max.
Property
Units
6000-0JE1
Comments
Performance (note 1-9)
Performance for channel plans without SAT-IF
loading
Specified Link Length
L (km)
25
25
25
Channel Plan
NTSC 20+ 60-64
QAM
NTSC 80-Ch
PAL 60-Ch
Optical Output Power
Po (dBm)
8.5/8.5
8.5/8.5
8.5/8.5
Min. 10 dBm version avail.
See Chart
Noise Bandwidth
BW (MHz)
4
4
5
SBS Suppression
(dBm)
11 to 17
11 to 17
11 to 17
Min.
CATV Carrier to Noise Ratio
CNR (dB)
58.5
53.0
53.0
Min.
CATV Composite Second Order
CSO (dBc)
-67
-65
-65
Max. Port 1
CATV Composite Triple Beat
CTB (dBc)
-67
-65
-65
Max. @ +25
°C
CATV Composite Triple Beat
CTB (dBc)
-66
-64
-64
Max. @ 0
oC to 50oC
Notes:
1. Unless stated otherwise all specifications apply over full temperature range with no digital loading.
2. Unless stated otherwise specifications apply for nominal RF input level as defined below, after a 30 minute stabilization period.
3. Specifications separated by a slash are port1 / port 2.
4. Units are tested per the Test / Link Configuration Table
5. Noise figure for the EDFA = 4.5 ~ 5.5 dB
6. Corning SMF-28 single mode fiber
7. Receiver responsivity is 0.95 mA/mW, Equivalent noise current is 7 pA/(Hz)1/2
8. With 36 QPSK modulated SAT-IF signals between 950 … 2800 MHz. 27 MHz IF bandwidth
9. The lowest frequency of all channel plans shall be > 119.25 MHz. A 2 dB penalty of CNR may occur for channels from 80 to 112.25
MHz
Test/Link Configuration
Property
EDFA
Link
Received Power
2
J-Type
14 dBm
25 Km
0.0 dBm at the receiver
J-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0JE1-44011

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JE1-41001 EMCORE-6000-0JE1-41001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JE1-41001 EMCORE-6000-0JE1-41001 Datasheet
454Kb / 5P
   Single or Dual Optical Outputs
6000-0JE1-41002 EMCORE-6000-0JE1-41002 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JE1-41003 EMCORE-6000-0JE1-41003 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JE1-41011 EMCORE-6000-0JE1-41011 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
More results

Similar Description - 6000-0JE1-44011

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
   Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com