Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7820R-085-SA-115 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 7820R-085-SA-115
Description  5-200 MHz RFoG Return Path
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7820R-085-SA-115 Datasheet(HTML) 2 Page - Emcore Corporation

  7820R-085-SA-115 Datasheet HTML 1Page - Emcore Corporation 7820R-085-SA-115 Datasheet HTML 2Page - Emcore Corporation 7820R-085-SA-115 Datasheet HTML 3Page - Emcore Corporation 7820R-085-SA-115 Datasheet HTML 4Page - Emcore Corporation 7820R-085-SA-115 Datasheet HTML 5Page - Emcore Corporation 7820R-085-SA-115 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
T
CASE
-40
85
°C
Storage Temperature Range
Tstg
-40
85
°C
Humidity at 85 °C
RH
--
85
%
Note: For all tables, typical values are performed at 25
oC; min and max values are performance vs. temperature.
Electrical/Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Optical Power
5 – 85MHz Version
5 – 200MHz Version
PIN
--
--
-10
-7
dBm
Optical Return Loss
RLOPT
40
--
--
dB
DC Power
+5V Amp Bias, (Pin 2)
+12V PD Bias, (Pin 6)
ICCA
ICCP
--
--
--
--
100
1
mA
mA
Wavelength
λ
1260
1310/1550
1620
nm
Responsivity
--
--
--
>0.8 at 1310 nm
>0.9 at 1550 nm
--
--
mA/mW
mA/mW
PDI Monitor Voltage
VMON
--
10
--
V/mA
Dissipation
PDISS
--
--
0.5
W
RF Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Frequency Response
BW
5
--
85
MHz
Gain (Ref @ 5MHz)
5 – 85MHz Version
5 – 200MHz Version
G
36
29
--
38
31
dB
Gain Stability
(-40
C to + 85C)
GST
-0.5
--
+0.5
dB
Ripple
--
--
1
1.2
dBpk-pk
Gain Tilt
(3)
--
--
1
2
dB
RF Output Level
(2)
5-85 MHz Version
5 – 200 MHz Version
RFOUT
37
35
--
39
37
dBmV/ch
7820R Optical Receiver
5-200 MHz RFoG Return Path


Similar Part No. - 7820R-085-SA-115

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820R-085-SA-115 EMCORE-7820R-085-SA-115 Datasheet
613Kb / 6P
   Optical Receiver
More results

Similar Description - 7820R-085-SA-115

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   200 MHz HFC Return Path
logo
TriQuint Semiconductor
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814_15 Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
logo
Qorvo, Inc
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
TAT3814 TRIQUINT-TAT3814 Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2328 TRIQUINT-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com