Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS14T275BSE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRS14T275BSE
Description  VDR Metal Oxide Varistors Standard
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS14T275BSE Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRS14T275BSE Datasheet HTML 1Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 2Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 3Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 4Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 5Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 6Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 7Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 8Page - Vishay Siliconix VDRS14T275BSE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29081
18
Revision: 24-Jun-09
2381 59. ...../VDRS.......E
Vishay BCcomponents
VDR Metal Oxide Varistors Standard
130
170
205
310
5.0
5.5
400
130
4.2
1.0 ± 0.3 2381 592 x131y VDRS05C130xyE
340 10.0
17.0
1200
320
4.2
1.0 ± 0.3 2381 593 x131y VDRS07H130xyE
340 25.0
30.0
2500
580
4.6
1.2 ± 0.3 2381 594 x131y VDRS10P130xyE
340 50.0
56.0
4500
1050
4.6
1.2 ± 0.3 2381 595 x131y VDRS14T130xyE
340 100.0
114.0
6500
2100
5.3
1.4 ± 0.3 2381 596 x131y VDRS20W130ByE
140
180
220
350
5.0
6.3
400
120
4.4
1.0 ± 0.3 2381 592 x141y VDRS05C140xyE
370 10.0
21.0
1200
290
4.4
1.0 ± 0.3 2381 593 x141y VDRS07H140xyE
370 25.0
33.0
2500
540
4.8
1.2 ± 0.3 2381 594 x141y VDRS10P140xyE
370 50.0
57.0
4500
950
4.8
1.2 ± 0.3 2381 595 x141y VDRS14T140xyE
360 100.0
124.0
6500
1900
5.4
1.5 ± 0.3 2381 596 x141y VDRS20W140ByE
150
200
240
395
5.0
7.1
400
110
4.4
1.1 ± 0.3 2381 592 x151y VDRS05C150xyE
400 10.0
20.0
1200
270
4.4
1.1 ± 0.3 2381 593 x151y VDRS07H150xyE
400 25.0
36.0
2500
490
4.8
1.3 ± 0.3 2381 594 x151y VDRS10P150xyE
400 50.0
59.0
4500
850
4.8
1.3 ± 0.3 2381 595 x151y VDRS14T150xyE
395 100.0
134.0
6500
1700
5.5
1.6 ± 0.3 2381 596 x151y VDRS20W150ByE
175
225
275
410
5.0
7.3
400
90
4.6
1.3 ± 0.3 2381 592 x171y VDRS05C175xyE
455 10.0
23.0
1200
230
4.6
1.3 ± 0.3 2381 593 x171y VDRS07H175xyE
455 25.0
41.0
2500
430
5.0
1.5 ± 0.3 2381 594 x171y VDRS10P175xyE
455 50.0
67.0
4500
750
5.0
1.5 ± 0.3 2381 595 x171y VDRS14T175xyE
455 100.0
158.0
6500
1500
5.7
1.7 ± 0.3 2381 596 x171y VDRS20W175ByE
230
300
360
560
5.0
10.0
400
70
4.9
1.7 ± 0.8 2381 592 x231y VDRS05C230xyE
600 10.0
30.0
1200
170
4.9
1.7 ± 0.8 2381 593 x231y VDRS07H230xyE
600 25.0
54.0
2500
320
5.4
1.9 ± 0.8 2381 594 x231y VDRS10P230xyE
600 50.0
88.0
4500
540
5.4
1.9 ± 0.8 2381 595 x231y VDRS14T230xyE
595 100.0
208.0
6500
1100
6.2
2.2 ± 0.8 2381 596 x231y VDRS20W230ByE
250
320
390
600
5.0
11.0
400
60
4.9
1.9 ± 0.8 2381 592 x251y VDRS05C250xyE
650 10.0
33.0
1200
160
4.9
1.9 ± 0.8 2381 593 x251y VDRS07H250xyE
650 25.0
58.0
2500
300
5.4
2.1 ± 0.8 2381 594 x251y VDRS10P250xyE
650 50.0
96.0
4500
480
5.4
2.1 ± 0.8 2381 595 x251y VDRS14T250xyE
650 100.0
240.0
6500
960
6.4
2.3 ± 0.8 2381 596 x251y VDRS20W250ByE
275
350
430
695
5.0
12.0
400
55
4.9
2.0 ± 0.8 2381 592 x271y VDRS05C275xyE
710 10.0
36.0
1200
140
4.9
2.0 ± 0.8 2381 593 x271y VDRS07H275xyE
710 25.0
63.0
2500
270
5.4
2.2 ± 0.8 2381 594 x271y VDRS10P275xyE
710 50.0
104.0
4500
440
5.4
2.2 ± 0.8 2381 595 x271y VDRS14T275xyE
710 100.0
264.0
6500
900
6.6
2.5 ± 0.8 2381 596 x271y VDRS20W275ByE
300
385
470
750
5.0
13.0
400
50
5.3
2.2 ± 0.8 2381 592 x301y VDRS05C300xyE
800 10.0
40.0
1200
130
5.3
2.2 ± 0.8 2381 593 x301y VDRS07H300xyE
800 25.0
71.0
2500
240
5.9
2.4 ± 0.8 2381 594 x301y VDRS10P300xyE
800 50.0
117.0
4500
400
5.9
2.4 ± 0.8 2381 595 x301y VDRS14T300xyE
775 100.0
280.0
6500
810
6.9
2.7 ± 0.8 2381 596 x301y VDRS20W300ByE
320
420
510
800
5.0
15.0
400
45
5.5
2.4 ± 0.8 2381 592 x321y VDRS05C320xyE
850 10.0
44.0
1200
120
5.5
2.4 ± 0.8 2381 593 x321y VDRS07H320xyE
850 25.0
77.0
2500
220
6.2
2.6 ± 0.8 2381 594 x321y VDRS10P320xyE
850 50.0
120.0
4500
370
6.2
2.6 ± 0.8 2381 595 x321y VDRS14T320xyE
842 100.0
296.0
6500
750
7.1
2.9 ± 0.8 2381 596 x321y VDRS20W320ByE
350
460
560
940
5.0
19.5
400
42
5.8
2.7 ± 0.8 2381 592 x351y VDRS05C350xyE
920 10.0
39.0
1200
110
5.8
2.7 ± 0.8 2381 593 x351y VDRS07H350xyE
920 25.0
78.0
2500
200
6.6
2.9 ± 0.8 2381 594 x351y VDRS10P350xyE
920 50.0
156.0
4500
325
6.6
2.9 ± 0.8 2381 595 x351y VDRS14T350xyE
920 100.0
312.0
6500
660
7.4
3.2 ± 0.8 2381 596 x351y VDRS20W350ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 µs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
ECATALOG NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
12NC (6)
SAP (7)


Similar Part No. - VDRS14T275BSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS14T275xyE VISHAY-VDRS14T275xyE Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRS14T275XYE VISHAY-VDRS14T275XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS14T275BSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com