Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWST25168AR010JBO1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWST25168AR010JBO1
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST25168AR010JBO1 Datasheet(HTML) 3 Page - Vishay Siliconix

  RWST25168AR010JBO1 Datasheet HTML 1Page - Vishay Siliconix RWST25168AR010JBO1 Datasheet HTML 2Page - Vishay Siliconix RWST25168AR010JBO1 Datasheet HTML 3Page - Vishay Siliconix RWST25168AR010JBO1 Datasheet HTML 4Page - Vishay Siliconix RWST25168AR010JBO1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50017
63
Revision: 12-May-09
RWST
Vishay Sfernice
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
NON INDUCTIVE WINDING
For high frequencies, low self induction resistors are available with special windings.
RWSTNI designation.
POWER RATING CHART
TEMPERATURE RISE
SPECIAL FEATURES
RWST STYLE
25 x 138
25 x 168
30 x 250
40 x 370
50 x 373
Designation NF C 93-214
-
RB 25 x 168
RB 30 x 250
-
-
Power Rating at 25 °C
95 W
160 W
280 W
500 W
700 W
Maximum Power
Rating at 25 °C
P max.
110 W
180 W
320 W
600 W
800 W
Ohmic Range
(E12, E24 series)
2.7
Ω
82 k
Ω
2.7
Ω
100 k
Ω
4.7
Ω
220 k
Ω
8.2
Ω
360 k
Ω
12
Ω
430 k
Ω
Limiting Element Voltage
1400 V
1900 V
3000 V
4500 V
5000 V
Critical Resistance
18 k
Ω
20 k
Ω
30 k
Ω
36 k
Ω
30 k
Ω
MODEL AND
STYLE
RWSTNI
25 x 138
RWSTNI
25 x 168
RWSTNI
30 x 250
RWSTNI
40 x 370
RWSTNI
50 x 373
OHMIC RANGE
(E12 SERIES)
22
Ω
2.5 k
Ω
22
Ω
4 k
Ω
120
Ω
6.8 k
Ω
120
Ω
8.2 k
Ω
150
Ω
8.2 k
Ω
AMBIENT TEMPERATURE IN °C
100
75
50
25
0
0
65
130
195
260
325
390
455
RATED POWER IN W
400
300
200
100
0
10
100
1000


Similar Part No. - RWST25168AR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST25X138NICS VISHAY-RWST25X138NICS Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
RWST25X168NICS VISHAY-RWST25X168NICS Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
More results

Similar Description - RWST25168AR010JBO1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWST VISHAY-RWST Datasheet
209Kb / 3P
   Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
Revision 13-Jan-04
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com