Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKS2D032201C00KSSD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKS2D032201C00KSSD
Description  Metallized Polyester (PET) Capacitors in PCM 5 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKS2D032201C00KSSD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKS2D032201C00KSSD Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 2Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 3Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 4Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 5Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 6Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 7Page - List of Unclassifed Manufacturers MKS2D032201C00KSSD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
34
WIMA FKP 4
Continuation
General Data
D
WIMA MKS 2
Capacitance
50 VDC/30 VAC*
63 VDC/40 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
0.01 mF
2.5
6.5
7.2
5
MKS2C021001A00_ _ _ _
0.015 „
2.5
6.5
7.2
5
MKS2C021501A00_ _ _ _
0.022 „
2.5
6.5
7.2
5
MKS2C022201A00_ _ _ _
0.033 „
2.5
6.5
7.2
5
MKS2C023301A00_ _ _ _
0.047 „
2.5
6.5
7.2
5
MKS2C024701A00_ _ _ _
0.068 „
2.5
6.5
7.2
5
MKS2C026801A00_ _ _ _
0.1
m
F
2.5
6.5
7.2
5
MKS2C031001A00_ _ _ _
0.15 „
2.5
6.5
7.2
5
MKS2C031501A00_ _ _ _
0.22 „
3
7.5
7.2
5
MKS2C032201B00_ _ _ _
0.33 „
2.5
6.5
7.2
5
MKS2B033301A00_ _ _ _
3.5
8.5
7.2
5
MKS2C033301C00_ _ _ _
0.47 „
3
7.5
7.2
5
MKS2B034701B00_ _ _ _
3.5
8.5
7.2
5
MKS2C034701C00_ _ _ _
0.68 „
3.5
8.5
7.2
5
MKS2B036801C00_ _ _ _
4.5
9.5
7.2
5
MKS2C036801E00_ _ _ _
1.0
m
F
3.5
8.5
7.2
5
MKS2B041001C00_ _ _ _
5
10
7.2
5
MKS2C041001F00_ _ _ _
1.5
4.5
9.5
7.2
5
MKS2B041501E00_ _ _ _
5.5
11.5
7.2
5
MKS2C041501H00_ _ _ _
2.2
5
10
7.2
5
MKS2B042201F00_ _ _ _
7.2
13
7.2
5
MKS2C042201K00_ _ _ _
3.3
5.5
11.5
7.2
5
MKS2B043301H00_ _ _ _
7.2
13
7.2
5
MKS2C043301K00_ _ _ _
4.7
7.2
13
7.2
5
MKS2B044701K00_ _ _ _
8.5
14
7.2
5
MKS2C044701M00_ _ _ _
6.8
8.5
14
7.2
5
MKS2B046801M00_ _ _ _
11
16
7.2
5
MKS2C046801N00_ _ _ _
10
m
F
11
16
7.2
5
MKS2B051001N00_ _ _ _
Capacitance
100 VDC/63 VAC*
250 VDC/160 VAC*
W
H
L
PCM**
Part number
W
H
L
PCM**
Part number
0.01 mF
2.5
6.5
7.2
5
MKS2D021001A00_ _ _ _
2.5
6.5
7.2
5
MKS2F021001A00_ _ _ _
0.015 „
2.5
6.5
7.2
5
MKS2D021501A00_ _ _ _
2.5
6.5
7.2
5
MKS2F021501A00_ _ _ _
0.022 „
2.5
6.5
7.2
5
MKS2D022201A00_ _ _ _
2.5
6.5
7.2
5
MKS2F022201A00_ _ _ _
0.033 „
2.5
6.5
7.2
5
MKS2D023301A00_ _ _ _
3.5
8.5
7.2
5
MKS2F023301C00_ _ _ _
0.047 „
2.5
6.5
7.2
5
MKS2D024701A00_ _ _ _
3.5
8.5
7.2
5
MKS2F024701C00_ _ _ _
0.068 „
2.5
6.5
7.2
5
MKS2D026801A00_ _ _ _
3.5
8.5
7.2
5
MKS2F026801C00_ _ _ _
0.1
m
F
2.5
6.5
7.2
5
MKS2D031001A00_ _ _ _
4.5
9.5
7.2
5
MKS2F031001E00_ _ _ _
0.15 „
3.5
8.5
7.2
5
MKS2D031501C00_ _ _ _
5
10
7.2
5
MKS2F031501F00_ _ _ _
0.22 „
3.5
8.5
7.2
5
MKS2D032201C00_ _ _ _
5.5
11.5
7.2
5
MKS2F032201H00_ _ _ _
0.33 „
4.5
9.5
7.2
5
MKS2D033301E00_ _ _ _
7.2
13
7.2
5
MKS2F033301K00_ _ _ _
0.47 „
4.5
9.5
7.2
5
MKS2D034701E00_ _ _ _
8.5
14
7.2
5
MKS2F034701M00_ _ _ _
0.68 „
5
10
7.2
5
MKS2D036801F00_ _ _ _
11
16
7.2
5
MKS2F036801N00_ _ _ _
1.0
m
F
7.2
13
7.2
5
MKS2D041001K00_ _ _ _
1.5
8.5
14
7.2
5
MKS2D041501M00_ _ _ _
2.2
11
16
7.2
5
MKS2D042201N00_ _ _ _
* AC voltage: f = 50 Hz; 1.4 x Urms + UDC  Ur
** PCM = Printed circuit module = lead spacing.
Dims. in mm.
The value 10 mF has been transferred
from the former WIMA MKS 2-XL range.
d = 0.5 P
Rights reserved to amend design data without prior notification.
5
PCM
at the lead exit points
( 0.5)
L
W
H
d
6 -2
Part number completion:
Tolerance:
20 % = M
10 % = K
5 % = J
Packing:
bulk = S
Lead length: 6-2 = SD
Taped version see page 127.
Continuation page 35


Similar Part No. - MKS2D032201C00KSSD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKS20FN128VFT12 NXP-MKS20FN128VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLH12 NXP-MKS20FN128VLH12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLL12 NXP-MKS20FN128VLL12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VXX12 NXP-MKS20FN128VXX12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN256VFT12 NXP-MKS20FN256VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
More results

Similar Description - MKS2D032201C00KSSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
   Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
   Metallized polyester capacitors in PCM 7.5 mm
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Electronic Film Capacit...
1313TC EFC-1313TC Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
   Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
   Metallized Polyester Capacitors
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
   Metallized Polyester Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com