Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0ID1-22001 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 6000-0ID1-22001
Description  I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0ID1-22001 Datasheet(HTML) 3 Page - Emcore Corporation

  6000-0ID1-22001 Datasheet HTML 1Page - Emcore Corporation 6000-0ID1-22001 Datasheet HTML 2Page - Emcore Corporation 6000-0ID1-22001 Datasheet HTML 3Page - Emcore Corporation 6000-0ID1-22001 Datasheet HTML 4Page - Emcore Corporation 6000-0ID1-22001 Datasheet HTML 5Page - Emcore Corporation 6000-0ID1-22001 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | NOVEMBER 2013
FIBER OPTICS
| REV 2013.11
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Specifications
Property
Requirement
Comments
CATV Nominal Input Power
18 dBmV/ch (78 dBuV/ch)
19 dBmV/ch (79 dBuV/ch)
80 NTSC channels
60 PAL channels
CATV Composite Level
-11.7 dBm
0 dB on FP Display (All Channel Plans)
CATV Input Range
+2/-8 dB from nominal input
Optimal performance at nominal input
CATV RF Gain / OMI Adjustment Range
+2/-8 dB from nominal setting
CATV Performance may vary slightly over
range
CATV Frequency Range
45 MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
+/- 0.75 dB
45 MHz – 550 MHz
45 MHz – 1003 MHz
CATV Input impedance
75
CATV Input Return Loss
16 dB min
45 MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45 MHz – 1003 MHz
Figure 2
Medallion 6000 I-Type SBS Suppression and CSO Generation
80 ch NTSC channel load vs Fiber length w ith varying SBS Settings
Single EDFA Fiber Link
10
15
20
25
30
35
40
1
10
100
Fiber Length (km)
-80
-75
-70
-65
-60
-55
-50
SBS=19 dBm
SBS=18 dBm
SBS=17 dBm
SBS=16 dBm
SBS=15 dBm
SBS=14 dBm
SBS=13 dBm
13 dBm CSO
14 dBm CSO
15 dBm CSO
19 dBm CSO
18 dBm CSO
17 dBm CSO
16 dBm CSO
EMCORE Proprietary Information
All Data show n is Typical Performance
I-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0ID1-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0ID1-22002 EMCORE-6000-0ID1-22002 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
6000-0ID1-22003 EMCORE-6000-0ID1-22003 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
More results

Similar Description - 6000-0ID1-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
   Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com