Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2187LBST-160 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2187LBST-160
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2187LBST-160 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2187LBST-160 Datasheet HTML 1Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 2Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 3Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 4Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 5Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 6Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 7Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 8Page - Analog Devices ADSP-2187LBST-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ICE-Port is a trademark of Analog Devices, Inc.
DSP Microcomputer
ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
PERFORMANCE FEATURES
Up to 19 ns instruction cycle time, 52 MIPS sustained
performance
Single-cycle instruction execution
Single-cycle context switch
3-bus architecture allows dual operand fetches in every
instruction cycle
Multifunction instructions
Power-down mode featuring low CMOS standby power dissi-
pation with 400 CLKIN cycle recovery from power-down
condition
Low power dissipation in idle mode
INTEGRATION FEATURES
ADSP-2100 family code compatible (easy to use algebraic
syntax), with instruction set extensions
Up to 160K bytes of on-chip RAM, configured
Up to 32K words program memory RAM
Up to 32K words data memory RAM
Dual-purpose program memory for both instruction and
data storage
Independent ALU, multiplier/accumulator, and barrel shifter
computational units
2 independent data address generators
Powerful program sequencer provides zero overhead loop-
ing conditional instruction execution
Programmable 16-bit interval timer with prescaler
100-lead LQFP and 144-ball BGA
SYSTEM INTERFACE FEATURES
16-bit internal DMA port for high-speed access to on-chip
memory (mode selectable)
4M-byte memory interface for storage of data tables and pro-
gram overlays (mode selectable)
8-bit DMA to byte memory for transparent program and data
memory transfers (mode selectable)
Programmable memory strobe and separate I/O memory
space permits “glueless” system design
Programmable wait state generation
2 double-buffered serial ports with companding hardware
and automatic data buffering
Automatic booting of on-chip program memory from byte-
wide external memory, for example, EPROM, or through
internal DMA Port
6 external interrupts
13 programmable flag pins provide flexible system signaling
UART emulation through software SPORT reconfiguration
ICE-Port emulator interface supports debugging in final
systems
Figure 1. Functional Block Diagram
ARITHMETIC UNITS
SHIFTER
MAC
ALU
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
POWER-DOWN
CONTROL
MEMORY
PROGRAM
MEMORY
UP TO
32K
24-BIT
EXTERNAL
ADDRESS
BUS
EXTERNAL
DATA
BUS
BYTE DMA
CONTROLLER
SPORT0
SERIAL PORTS
SPORT1
PROGRAMMABLE
I/O
AND
FLAGS
TIMER
HOST MODE
OR
EXTERNAL
DATA
BUS
INTERNAL
DMA
PORT
DAG1
DATA ADDRESS
GENERATORS
DAG2
PROGRAM
SEQUENCER
ADSP-2100 BASE
ARCHITECTURE
DATA
MEMORY
UP TO
32K
16-BIT
FULL MEMORY MODE


Similar Part No. - ADSP-2187LBST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2187LBST-160 AD-ADSP-2187LBST-160 Datasheet
223Kb / 32P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2187LBST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com