Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM6202CRWZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM6202CRWZ
Description  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6202CRWZ Datasheet(HTML) 4 Page - Analog Devices

  ADUM6202CRWZ Datasheet HTML 1Page - Analog Devices ADUM6202CRWZ Datasheet HTML 2Page - Analog Devices ADUM6202CRWZ Datasheet HTML 3Page - Analog Devices ADUM6202CRWZ Datasheet HTML 4Page - Analog Devices ADUM6202CRWZ Datasheet HTML 5Page - Analog Devices ADUM6202CRWZ Datasheet HTML 6Page - Analog Devices ADUM6202CRWZ Datasheet HTML 7Page - Analog Devices ADUM6202CRWZ Datasheet HTML 8Page - Analog Devices ADUM6202CRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADuM6200/ADuM6201/ADuM6202
Data Sheet
Rev. C | Page 4 of 28
Table 5. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
DC SPECIFICATIONS
Logic High Input Threshold
V
IH
0.7 × V
ISO or 0.7 × VDD1
V
Logic Low Input Threshold
V
IL
0.3 × V
ISO or 0.3 × VDD1
V
Logic High Output Voltages
V
OH
V
DD1 − 0.3 or VISO − 0.3
5.0
V
I
Ox = −20 µA, VIx = VIxH
V
DD1 − 0.5 or VISO − 0.5
4.8
V
I
Ox = −4 mA, VIx = VIxH
Logic Low Output Voltages
V
OL
0.0
0.1
V
I
Ox = 20 µA, VIx = VIxL
0.2
0.4
V
I
Ox = 4 mA, VIx = VIxL
Undervoltage Lockout
UVLO
V
DD1, VISO supplies
Positive-Going Threshold
V
UV+
2.7
V
Negative-Going Threshold
V
UV−
2.4
V
Hysteresis
V
UVH
0.3
V
Input Currents per Channel
I
I
−20
+0.01
+20
µA
0 V ≤ V
Ix ≤ VDD1
AC SPECIFICATIONS
Output Rise/Fall Time
t
R/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/µs
V
Ix = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
f
r
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining V
O > 0.7 × VDD1 or 0.7 × VISO for a high input or VO < 0.3 × VDD1 or 0.3 × VISO for a low
input. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.
ELECTRICAL CHARACTERISTICS—3.3 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
Typical specifications are at TA = 25°C, VDD1 = VISO = 3.3 V, VSEL = GNDISO. Minimum/maximum specifications apply over the entire
recommended operation range, which is 3.0 V ≤ VDD1, VSEL, VISO ≤ 3.6 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching
specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 6. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
V
ISO
3.0
3.3
3.6
V
I
ISO = 0 mA
Line Regulation
V
ISO(LINE)
1
mV/V
I
ISO = 20 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
V
ISO(LOAD)
1
5
%
I
ISO = 4 mA to 36 mA
Output Ripple
V
ISO(RIP)
50
mV p-p
20 MHz bandwidth, C
BO = 0.1 µF||10 µF, IISO = 36 mA
Output Noise
V
ISO(NOISE)
130
mV p-p
C
BO = 0.1 µF||10 µF, IISO = 36 mA
Switching Frequency
f
OSC
180
MHz
PWM Frequency
f
PWM
625
kHz
Output Supply Current
I
ISO(MAX)
40
mA
V
ISO > 3 V
Efficiency at I
ISO(MAX)
29
%
I
ISO = 40 mA
I
DD1, No VISO Load
I
DD1(Q)
10
17
mA
I
DD1, Full VISO Load
I
DD1(MAX)
175
mA


Similar Part No. - ADUM6202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6202CRWZ AD-ADUM6202CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6202CRWZ AD-ADUM6202CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Similar Description - ADUM6202CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com