Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM6201ARIZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM6201ARIZ
Description  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6201ARIZ Datasheet(HTML) 2 Page - Analog Devices

  ADUM6201ARIZ Datasheet HTML 1Page - Analog Devices ADUM6201ARIZ Datasheet HTML 2Page - Analog Devices ADUM6201ARIZ Datasheet HTML 3Page - Analog Devices ADUM6201ARIZ Datasheet HTML 4Page - Analog Devices ADUM6201ARIZ Datasheet HTML 5Page - Analog Devices ADUM6201ARIZ Datasheet HTML 6Page - Analog Devices ADUM6201ARIZ Datasheet HTML 7Page - Analog Devices ADUM6201ARIZ Datasheet HTML 8Page - Analog Devices ADUM6201ARIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADuM6200/ADuM6201/ADuM6202
Data Sheet
Rev. C | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 4
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 6
Package Characteristics ............................................................... 7
Regulatory Information............................................................... 8
Insulation and Safety-Related Specifications............................ 8
Insulation Characteristics............................................................ 9
Recommended Operating Conditions ...................................... 9
Absolute Maximum Ratings.......................................................... 10
ESD Caution................................................................................ 10
Pin Configurations and Function Descriptions ......................... 11
Truth Table .................................................................................. 13
Typical Performance Characteristics ........................................... 14
Terminology.................................................................................... 17
Applications Information .............................................................. 18
PCB Layout ................................................................................. 18
Start-Up Behavior....................................................................... 18
EMI Considerations................................................................... 19
Propagation Delay Parameters ................................................. 19
DC Correctness and Magnetic Field Immunity..................... 19
Power Consumption .................................................................. 20
Current-Limit and Thermal Overload Protection................. 21
Power Considerations................................................................ 21
Thermal Analysis ....................................................................... 22
Increasing Available Power ....................................................... 22
Insulation Lifetime..................................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 25
REVISION HISTORY
6/12—Rev. B to Rev. C
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
Changes to Table 15.......................................................................... 8
Changes to Insulation Characteristics Section ............................. 9
8/11—Rev. A to Rev. B
Change to Features Section ............................................................. 1
Changes to Table 15.......................................................................... 8
8/11—Rev. 0 to Rev. A
Added 16-Lead SOIC (RI-16-1) Package ........................Universal
Changes to Features Section............................................................ 1
Changes to Table 15 and Table 16 .................................................. 8
Changes to Table 20........................................................................ 10
10/10—Revision 0: Initial Version


Similar Part No. - ADUM6201ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6201ARIZ AD-ADUM6201ARIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201ARIZ AD-ADUM6201ARIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Similar Description - ADUM6201ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com