Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM6200CRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM6200CRIZ
Description  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6200CRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM6200CRIZ Datasheet HTML 7Page - Analog Devices ADUM6200CRIZ Datasheet HTML 8Page - Analog Devices ADUM6200CRIZ Datasheet HTML 9Page - Analog Devices ADUM6200CRIZ Datasheet HTML 10Page - Analog Devices ADUM6200CRIZ Datasheet HTML 11Page - Analog Devices ADUM6200CRIZ Datasheet HTML 12Page - Analog Devices ADUM6200CRIZ Datasheet HTML 13Page - Analog Devices ADUM6200CRIZ Datasheet HTML 14Page - Analog Devices ADUM6200CRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADuM6200/ADuM6201/ADuM6202
Rev. C | Page 11 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
RCIN 5
NC
12
RCSEL 6
VSEL
11
NC
7
VE2
10
GND1 8
GNDISO
9
ADuM6200
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 6. ADuM6200 Pin Configuration
Table 21. ADuM6200 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
DD1
Primary Supply Voltage, 3.0 V to 5.5 V.
2, 8
GND
1
Ground Reference for the Primary Side of the Isolator. Pin 2 and Pin 8 are internally connected to each other,
and it is recommended that both pins be connected to a common ground.
3
V
IA
Logic Input A.
4
V
IB
Logic Input B.
5
RC
IN
Regulation Control Input. This pin must be connected to the RC
OUT pin of a master isoPower device or tied low.
This pin must not be tied high if RC
SEL is low; this combination causes excessive voltage on the secondary side
of the isolator, damaging the ADuM6200 and possibly the devices that it powers.
6
RC
SEL
Control Input. Determines self-regulation mode (RC
SEL high) or slave mode (RCSEL low), allowing external
regulation. This pin is weakly pulled to the high state. In noisy environments, tie this pin either high or low.
7, 12
NC
No Internal Connection.
9, 15
GND
ISO
Ground Reference for the Secondary Side of the Isolator. Pin 9 and Pin 15 are internally connected to each
other, and it is recommended that both pins be connected to a common ground.
10
V
E2
Data Enable Input. When this pin is high or not connected, the secondary outputs are active; when this pin is
low, the outputs are in a high-Z state.
11
V
SEL
Output Voltage Selection. When V
SEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
In slave regulation mode, this pin has no function.
13
V
OB
Logic Output B.
14
V
OA
Logic Output A.
16
V
ISO
Secondary Supply Voltage. Output for secondary side isolated data channels and external loads.


Similar Part No. - ADUM6200CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200CRIZ AD-ADUM6200CRIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200CRIZ AD-ADUM6200CRIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Similar Description - ADUM6200CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com