Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2186LKSTZ-1332 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-2186LKSTZ-1332
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186LKSTZ-1332 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-2186LKSTZ-1332 Datasheet HTML 3Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 4Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 5Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 6Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 7Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 8Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 9Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 10Page - Analog Devices ADSP-2186LKSTZ-1332 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADSP-2184L/ADSP-2185L/ADSP-2186L/ADSP-2187L
Rev. C
|
Page 7 of 48
|
January 2008
faster rate than can be serviced, due to the additional time the
processor takes to come out of the idle state (a maximum of n
processor cycles).
SYSTEM INTERFACE
Figure 2 shows typical basic system configurations with the
ADSP-218xL series, two serial devices, a byte-wide EPROM,
and optional external program and data overlay memories
(mode-selectable). Programmable wait state generation allows
the processor to connect easily to slow peripheral devices.
ADSP-218xL series members also provide four external inter-
rupts and two serial ports or six external interrupts and one
serial port. Host Memory Mode allows access to the full external
data bus, but limits addressing to a single address bit (A0).
Through the use of external hardware, additional system
peripherals can be added in this mode to generate and latch
address signals.
Clock Signals
ADSP-218xL series members can be clocked by either a crystal
or a TTL-compatible clock signal.
The CLKIN input cannot be halted, changed during operation,
nor operated below the specified frequency during normal oper-
ation. The only exception is while the processor is in the
power-down state. For additional information, refer to the
ADSP-218x DSP Hardware Reference, for detailed information
on this power-down feature.
If an external clock is used, it should be a TTL-compatible signal
running at half the instruction rate. The signal is connected to
the processor’s CLKIN input. When an external clock is used,
the XTAL pin must be left unconnected.
ADSP-218xL series members use an input clock with a fre-
quency equal to half the instruction rate; a 40 MHz input clock
yields a 12.5 ns processor cycle (which is equivalent to
80 MHz). Normally, instructions are executed in a single pro-
cessor cycle. All device timing is relative to the internal
instruction clock rate, which is indicated by the CLKOUT signal
when enabled.
Because ADSP-218xL series members include an on-chip oscil-
lator circuit, an external crystal may be used. The crystal should
be connected across the CLKIN and XTAL pins, with two
capacitors connected as shown in Figure 3. Capacitor values are
dependent on crystal type and should be specified by the crystal
manufacturer. A parallel-resonant, fundamental frequency,
microprocessor-grade crystal should be used. To provide an
adequate feedback path around the internal amplifier circuit,
place a resistor in parallel with the circuit, as shown in Figure 3.
A clock output (CLKOUT) signal is generated by the processor
at the processor’s cycle rate. This can be enabled and disabled by
the CLKODIS bit in the SPORT0 Autobuffer Control Register.
Figure 2. Basic System Interface
In
ser
t s
yst
em
in
ter
fac
e d
iag
ram
he
re
1/2
CLOCK
OR
CRYSTA L
FL0–2
CLKIN
XTAL
SERIAL
DEVICE
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
SERIAL
DEVICE
A0–A21
DATA
BYTE
MEMORY
I/O SPACE
(PERIPHERALS)
DATA
ADDR
DATA
ADDR
2048 LOCATIONS
OVERLAY
MEMORY
TWO 8K
PM SEGMEN TS
D23–0
A13–0
D23–8
A10–0
D15–8
D23–16
A13–0
14
24
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
DATA23–0
ADSP-218xL
CS
CS
1/2
CLOCK
OR
CRYSTAL
CLK IN
XTAL
FL0–2
SERIAL
DEVIC E
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SPORT1
16
IDMA PORT
IRD/D6
IS/D4
IAL/D5
IACK/D3
IAD15-0
SERIAL
DEVICE
SC LK0
RFS0
TFS0
DT0
DR0
SPORT0
1
16
A0
DATA23–8
IOMS
BMS
DMS
CMS
BR
BG
BGH
PWD
PW DACK
HOST MEMOR Y MODE
FULL MEMORY MODE
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
MODE D/PF3
MODE C/PF2
MODE B/PF1
MODE A/PF0
WR
RD
SYSTEM
INTERFAC E
OR
µC ONTRO LLER
IRQ2/PF7
IRQE/PF4
IRQL0/PF5
IRQL1/PF6
IOMS
BMS
PMS
CMS
BR
BG
BGH
PWD
PW DACK
WR
RD
AD SP-218xL
DMS
TW O 8K
DM SEGMEN TS
PMS
ADDR13–0
IRQL1/PF6
IWR/D7
NOTE: MO D E D APPLIES TO THE AD SP-2187L P RO CES SOR ON LY


Similar Part No. - ADSP-2186LKSTZ-1332

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186LKST-115 AD-ADSP-2186LKST-115 Datasheet
256Kb / 34P
   DSP Microcomputer
REV. A
ADSP-2186LKST-115 AD-ADSP-2186LKST-115 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LKST-133 AD-ADSP-2186LKST-133 Datasheet
256Kb / 34P
   DSP Microcomputer
REV. A
ADSP-2186LKST-133 AD-ADSP-2186LKST-133 Datasheet
272Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186LKST-160 AD-ADSP-2186LKST-160 Datasheet
256Kb / 34P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2186LKSTZ-1332

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com