Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5021TR-D-1309-SA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 5021TR-D-1309-SA
Description  5021TR-D 18 GHz 1310 nm DFB Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5021TR-D-1309-SA Datasheet(HTML) 2 Page - Emcore Corporation

  5021TR-D-1309-SA Datasheet HTML 1Page - Emcore Corporation 5021TR-D-1309-SA Datasheet HTML 2Page - Emcore Corporation 5021TR-D-1309-SA Datasheet HTML 3Page - Emcore Corporation 5021TR-D-1309-SA Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2013
© 2013 EMCORE Corporation
| REV 2013.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operation-
al sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Unit
Operating Temperature Range of Baseplate
T
OP
continuous
-40
+65
°C
Storage Temperature
T
STG
-
-55
+85
°C
RF Input Power
P
IN
60 seconds
-
20
dBm
Electrical Characteristics
Parameter
5021TR-D
Unit
Upper Band Edge Frequency, min
18
GHz
Lower Band Edge Frequency, max
0.05
GHz
Amplitude Flatness, max3
5.0
dB p-p
Transmitter Gain (TG), 1 GHz2
-17
dB (W/A)
Receiver Gain (RG), 1 GHz2
-11
dB (A/W)
Input RF Return Loss, max3
0.05 GHz - 13.0 GHz
13.0 GHz - 18.0 GHz
-7.0
-4.0
dB
dB
Output RF Return Loss, max
0.05 GHz - 1.03 GHz
13.0 GHz - 18.0 GHz
-9.0
-6.0
dB
dB
Impedance, typ
50
Ohm
Input 1 dB Compression, min3
+20
dBm
Input Third Order Intercept, min3
0.05 GHz -7.0 GHz
7.0 GHz - 18.0 GHz
+30
+25
dBm
dBm
Noise Figure, max3
0.05 GHz - 3.0 GHz
3.0 GHz - 7.0 GHz
7.0 GHz - 13.0 GHz
13.0 GHz - 18.0 GHz
44
50
54
59
dB
dB
dB
dB
1. Tested at 25°C unless noted otherwise.
2. Link RF Gain
dB = TG + RG-2* FiberLossdB(assumes RIN = ROUT)
3. Performance applies only within frequency band specified by the model number.
Optical Characteristics
Parameter
Specifications
Unit
Fiber
Single mode (9/125)
µm
Optical Connectors
SC/APC or FC/APC
-
5021 Optical Transmitter Output Power
9 to 11
dBmo
Optical Receiver Input Power
10
dBmo, max
Delay - Tx Optical
7.5
ns, max
Delay - Rx Optical
7.5
ns, max
5021TR-D 18 GHz 1310 nm
DFB Transceiver


Similar Part No. - 5021TR-D-1309-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
5021TR-A EMCORE-5021TR-A Datasheet
830Kb / 4P
   5021TR-A 3 GHz 1310 nm DFB Transceiver
5021TR-A-1309-FA EMCORE-5021TR-A-1309-FA Datasheet
830Kb / 4P
   5021TR-A 3 GHz 1310 nm DFB Transceiver
5021TR-A-1309-SA EMCORE-5021TR-A-1309-SA Datasheet
830Kb / 4P
   5021TR-A 3 GHz 1310 nm DFB Transceiver
5021TR-B EMCORE-5021TR-B Datasheet
826Kb / 4P
   5021TR-B 7 GHz 1310 nm DFB Transceiver
5021TR-B-1309-FA EMCORE-5021TR-B-1309-FA Datasheet
826Kb / 4P
   5021TR-B 7 GHz 1310 nm DFB Transceiver
More results

Similar Description - 5021TR-D-1309-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
5021TR-A EMCORE-5021TR-A Datasheet
830Kb / 4P
   5021TR-A 3 GHz 1310 nm DFB Transceiver
5021TR-E EMCORE-5021TR-E Datasheet
827Kb / 4P
   5021TR-E 22 GHz 1310 nm DFB Transceiver
5021TR-B EMCORE-5021TR-B Datasheet
826Kb / 4P
   5021TR-B 7 GHz 1310 nm DFB Transceiver
5021TR-C EMCORE-5021TR-C Datasheet
823Kb / 4P
   5021TR-C 13 GHz 1310 nm DFB Transceiver
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
1742 EMCORE-1742 Datasheet
719Kb / 4P
   1742 18 GHz 1550 nm Microwave DFB Laser
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com