Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADuC7036QSPZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADuC7036QSPZ
Description  Integrated Precision Battery Sensor for Automotive
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADuC7036QSPZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADuC7036QSPZ Datasheet HTML 1Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 2Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 3Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 4Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 5Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 6Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 7Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 8Page - Analog Devices EVAL-ADuC7036QSPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
ADuC7036
Rev. C | Page 4 of 132
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.5 V to 18 V, VREF = 1.2 V internal reference, fCORE = 20.48 MHz (unless otherwise noted) driven from external 32.768 kHz
watch crystal or on-chip precision oscillator. All specifications TA = −40°C to +115°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPECIFICATIONS
Conversion Rate1
Chop off, ADC normal operating mode
4
8000
Hz
Chop on, ADC normal operating mode
4
2600
Hz
Chop on, ADC low power mode
1
650
Hz
Current Channel
No Missing Codes1
Valid for all ADC update rates and ADC modes
16
Bits
Integral Nonlinearity1, 2
±10
±60
ppm of FSR
Offset Error2, 3, 4, 5
Chop off, 1 LSB = (36.6/gain) μV
−10
±3
+10
LSB
Offset Error1, 3, 6
Chop on
−2
±0.5
+2
μV
Offset Error1, 3
Chop on, low power or low power plus mode, MCU
powered down
100
−50
−300
nV
Offset Error1, 3
Chop on, normal mode
+0.5
−1.25
−3
μV
Offset Error Drift6
Chop off, valid for ADC gains of 4 to 64, normal mode
0.03
LSB/°C
Offset Error Drift6
Chop off, valid for ADC gains of 128 to 512, normal
mode
30
nV/°C
Offset Error Drift6
Chop on
10
nV/°C
Total Gain Error1, 3, 7, 8, 9, 10
Normal mode
−0.5
±0.1
+0.5
%
Total Gain Error1, 3, 7, 9
Low power mode, using ADCREF MMR
−4
±0.2
+4
%
Total Gain Error1, 3, 7, 9, 11
Low power plus mode, using precision VREF
−1
±0.2
+1
%
Gain Drift
3
ppm/°C
PGA Gain Mismatch Error
±0.1
%
Output Noise1, 12
4 Hz update rate, gain = 512, ADCFLT = 0xBF1D
60
90
nV rms
4 Hz update rate, gain = 512, ADCFLT = 0x3F1D
75
115
nV rms
10 Hz update rate, gain = 512, ADCFLT = 0x961F
100
150
nV rms
10 Hz update rate, gain = 512, ADCFLT = 0x161F
120
180
nV rms
1 kHz update rate, gain ≥ 64, ADCFLT = 0x8101
0.8
1.2
μV rms
1 kHz update rate, gain ≥ 64, ADCFLT = 0x0101
1
1.5
μV rms
1 kHz update rate, gain = 512, ADCFLT = 0x0007
0.6
0.9
μV rms
1 kHz update rate, gain = 32, ADCFLT = 0x0007
0.8
1.2
μV rms
1 kHz update rate, gain = 8, ADCFLT = 0x8101
2.1
4.1
μV rms
1 kHz update rate, gain = 8, ADCFLT = 0x0007
1.6
2.4
μV rms
1 kHz update rate, gain = 8, ADCFLT = 0x0101
2.6
3.9
μV rms
1 kHz update rate, gain = 4, ADCFLT = 0x0007
2.0
2.8
μV rms
8 kHz update rate, gain = 32, ADCFLT = 0x0000
2.5
3.5
μV rms
8 kHz update rate, gain = 4, ADCFLT = 0x0000
14
21
μV rms
ADC low power mode, fADC = 10 Hz, gain = 128
1.25
1.9
μV rms
ADC low power mode, fADC = 1 Hz, gain = 128
0.35
0.5
μV rms
ADC low power plus mode, fADC = 1 Hz, gain = 512
0.1
0.15
μV rms
ADC low power plus mode, fADC = 250 Hz, gain = 512
0.6
0.9
μV rms


Similar Part No. - EVAL-ADuC7036QSPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADuC7036QSPZ AD-EVAL-ADuC7036QSPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
More results

Similar Description - EVAL-ADuC7036QSPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com