Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuC7036DCPZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADuC7036DCPZ-RL
Description  Integrated Precision Battery Sensor for Automotive
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7036DCPZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADuC7036DCPZ-RL Datasheet HTML 1Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 2Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 3Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 4Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 5Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 6Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 7Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 8Page - Analog Devices ADuC7036DCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Integrated Precision Battery Sensor
for Automotive
ADuC7036
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
High precision ADCs
Dual channel, simultaneous sampling, 16-bit, Σ-Δ ADCs
Programmable ADC throughput from 1 Hz to 8 kHz
On-chip ±5 ppm/°C voltage reference
Current channel
Fully differential, buffered input
Programmable gain from 1 to 512
ADC input range: −200 mV to +300 mV
Digital comparators with current accumulator feature
Voltage channel
Buffered, on-chip attenuator for 12 V battery inputs
Temperature channel
External and on-chip temperature sensor options
Microcontroller
ARM7TDMI core, 16-/32-bit RISC architecture
20.48 MHz PLL with programmable divider
PLL input source
On-chip precision oscillator
On-chip low power oscillator
External (32.768 kHz) watch crystal
JTAG port supports code download and debug
Memory
96 kB Flash/EE memory, 6 kB SRAM
10,000-cycle Flash/EE endurance, 20-year Flash/EE
retention
In-circuit download via JTAG and LIN
On-chip peripherals
SAEJ2602/LIN 2.0-compatible (slave) support via UART
with hardware synchronization
Flexible wake-up I/O pin, master/slave SPI serial I/O
9-pin GPIO port, 3× general-purpose timers
Wake-up and watchdog timers
Power supply monitor and on-chip power-on reset
Power
Operates directly from 12 V battery supply
Current consumption
Normal mode 10 mA at 10 MHz
Low power monitor mode
Package and temperature range
48-lead, 7 mm × 7 mm LFCSP
Fully specified for −40°C to +115°C operation
APPLICATIONS
Battery sensing/management for automotive systems
FUNCTIONAL BLOCK DIAGRAM
PRECISION ANALOG ACQUISITION
BUF
RESULT
ACCUMULATOR
DIGITAL
COMPARATOR
TEMPERATURE
SENSOR
VREF
VTEMP
VBAT
IIN–
IIN+
PRECISION
REFERENCE
PGA
2.6V LDO
PSM
POR
ARM7TDMI
MCU
20MHz
3× TIMERS
WDT
WU TIMER
MEMORY
98kB FLASH
6kB RAM
ADuC7036
PRECISION
OSC
LOW POWER
OSC
ON-CHIP PLL
GPIO PORT
UART PORT
SPI PORT
LIN
MUX
BUF
16-BIT
Σ-∆ ADC
16-BIT
Σ-∆ ADC
GND_SW
RESET
WU
STI
LIN/BSD
XTAL1
XTAL2
Figure 1.


Similar Part No. - ADuC7036DCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7036DCPZ-RL AD-ADUC7036DCPZ-RL Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
More results

Similar Description - ADuC7036DCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com