Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTK2048S05 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTK2048S05
Description  15/20 Watts JTK Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTK2048S05 Datasheet(HTML) 1 Page - XP Power Limited

  JTK2048S05 Datasheet HTML 1Page - XP Power Limited JTK2048S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
15/20 Watts
Very High Power Density
Wide 4:1 Input Range
Operating Temperature 40 °C to +100 °C
Single & Dual Outputs
1600 VDC Isolation
High Efficiency
up to 89%
3 Year Warranty
JTK Series
Input
Input Voltage Range
• 24 V (9-36 VDC)
48 V (18-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected
• JTK15: 20 mA pk-pk
Ripple Current
JTK20: 30 mA pk-pk through 12 µH
inductor and 47 µF capacitor,
5 Hz to 20 MHz
Input Surge
• 24 V models: 50 VDC for 100 ms
• 48 V models: 100 VDC for 100 ms
Output
Output Voltage
• See table
Output Trim
• ±10% max on single output
Minimum Load
• No minimum load required
Initial Set Accuracy
• ±1% max
Start Up Delay
• 20 ms typical
Line Regulation
• JTK15: ±0.2% max, JTK20: ±0.5% max
Load Regulation
• ±0.5% max single, ±1.0% max dual
Cross Regulation
• ±5% on dual output models, (see note 2)
Transient Response
• <3% max deviation, recovery to within 1%
in 250 µs for a 25% load change
Ripple & Noise
• 100 mV pk-pk, 20 MHz bandwidth,
(see note 3)
Overload Protection
• JTK15: 170% of full load typical,
JTK20: 150% of full load typical
Overvoltage Protection
• 3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15 V typical
15 V models: 18 V typical
±5 V models: ±6.2 V typical
±12 V models: ±15 V typical
±15 V models: ±18 V typical
Short Circuit Protection
• Trip & restart (hiccup) with auto recovery
Maximum Capacitive
• See table
Load
Temperature
• ±0.02/°C max
Coefficient
Remote On/Off
• On >3.0 VDC or open circuit
Off <1.2 VDC or short circuit pins 2 & 3
xppower.com
General
Efficiency
• See table
Isolation
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• JTK15: 1200 pF max
JTK20: 1000 pF max
Switching Frequency
• JTK15: 375 kHz typical
JTK20: 330 kHz typical
Power Density
• JTK15: 38.4 W/in3,
JTK20: 51.3 W/in3
MTBF
• >560 KHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, JTK15: derate
from 100% load at +65 °C to no load at
+100 °C, JTK20: derate from 100% load at
+55 °C to no load at +100 °C
Case Temperature
• +105 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 90%, non-condensing
Cooling
• Natural convection
EMC
Emissions
• EN55022, Level A conducted & radiated
with external components -
see applications note
ESD Immunity
• EN61000-4-2, Level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, Level 3 Perf Criteria A*
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A
Magnetic Fields
• EN61000-4-8, 1 A/m Perf Criteria A
*External input capacitor required 220 µF / 100 V.


Similar Part No. - JTK2048S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTK30 XPPOWER-JTK30 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024D12 XPPOWER-JTK3024D12 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024D15 XPPOWER-JTK3024D15 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024S05 XPPOWER-JTK3024S05 Datasheet
388Kb / 4P
   DC-DC Converter
JTK3024S12 XPPOWER-JTK3024S12 Datasheet
388Kb / 4P
   DC-DC Converter
More results

Similar Description - JTK2048S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
   15/20 Watts
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
RDC20 XPPOWER-RDC20 Datasheet
113Kb / 2P
   20 Watts RDC Series
logo
List of Unclassifed Man...
WU100 ETC-WU100 Datasheet
52Kb / 2P
   10/15 Watts WU Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com