Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3300ART-2.7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3300ART-2.7
Description  High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300ART-2.7 Datasheet(HTML) 3 Page - Analog Devices

  ADP3300ART-2.7 Datasheet HTML 1Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 2Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 3Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 4Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 5Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 6Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 7Page - Analog Devices ADP3300ART-2.7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. B
ADP3300
–3–
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Error Flag Output Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Noise Bypass Pin Voltage . . . . . . . . . . . . . . . . . –0.3 V to +5 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –55
°C to +125°C
Operating Junction Temperature Range . . . . –55
°C to +125°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
°C/W
θJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92°C/W
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . 300
°C
Vapor Phase (60 sec ) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
GND
Ground Pin
2
NR
Noise Reduction Pin. Used for further
reduction of the output noise (see text for
details). No connection if not used.
3
SD
Active Low Shutdown Pin. Connect to
ground to disable the regulator output.
When shutdown is not used, this pin should
be connected to the input pin.
4
OUT
Output of the Regulator, fixed 2.7, 3.0, 3.2,
3.3 or 5 volts output voltage. Bypass to
ground with a 0.47
µF or larger capacitor.
5
IN
Regulator Input
6
ERR
Open Collector Output which goes low to
indicate that the output is about to go out
of regulation.
Model
Voltage Output
Package Description
Package Options
Branding Information
ADP3300ART-2.7
2.7 V
Surface Mount
SOT-23-6
LAB
ADP3300ART-2.85
2.85 V
Surface Mount
SOT-23-6
LFB
ADP3300ART-3
3.0 V
Surface Mount
SOT-23-6
LBB
ADP3300ART-3.2
3.2 V
Surface Mount
SOT-23-6
LCB
ADP3300ART-3.3
3.3 V
Surface Mount
SOT-23-6
LDB
ADP3300ART-5
5.0 V
Surface Mount
SOT-23-6
LEB
Contact the factory for the availability of other output voltage options.
ORDERING GUIDE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3300 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
1
2
3
6
5
4
TOP VIEW
(Not to Scale)
OUT
NR
GND
IN
ERR
SD
ADP3300


Similar Part No. - ADP3300ART-2.7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300ART-2.7 AD-ADP3300ART-2.7 Datasheet
133Kb / 8P
   High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-2.7 AD-ADP3300ART-2.7 Datasheet
133Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3300ART-2.7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. A
ADP3300ARTZ-5REEL7 AD-ADP3300ARTZ-5REEL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com