Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5021D-A11 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 5021D-A11
Description  5021D-A11 3 GHz, 250 ns Max Internal Fiber Delay Line System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5021D-A11 Datasheet(HTML) 2 Page - Emcore Corporation

  5021D-A11 Datasheet HTML 1Page - Emcore Corporation 5021D-A11 Datasheet HTML 2Page - Emcore Corporation 5021D-A11 Datasheet HTML 3Page - Emcore Corporation 5021D-A11 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2013
© 2013 EMCORE Corporation
| REV 2013.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Min
Max
Unit
Operating Temperature Range of Baseplate
-40
+65
°C
Storage Temperature
-55
+85
°C
RF Input Power
-
20
dBm
Electrical Characteristics
Parameter
5021D-A11
Unit
Upper Band Edge Frequency
3
GHz
Lower Band Edge Frequency
0.05
GHz
Amplitude Flatness
4
dB p-p
Delay Time
250
ns, max
Insertion Loss @ 1 GHz1
250 n-sec (-11 housing)
-37
dB, max
Input RF Return Loss, max
0.05 GHz - 3 GHz
-7.0
dB
Ouput RF Return Loss, max
0.05 GHz - 3 GHz
-9.0
dB
Impedance
50
Ohm
Input 1 dB Compression, min
+20
dBm
Input Third Order Intercept, min
0.5 GHz - 3 GHz
+30
dBm
Noise Figure
0.05 GHz - 3 GHz
44
dB
1. Shorter delay times will have lower loss.
DC Interface Characteristics
Pin Number
Min
Typ
Max
Max Ripple
Current
1
14 V
15 V
16 V
100 mV p-p
0.3 A max
2
4.5 V
5 V
5.5 V
200 mV p-p
1.6 A max
5021D-A11 3 GHz, 250 ns Max
Internal Fiber Delay Line System


Similar Part No. - 5021D-A11

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
5021D-A13 EMCORE-5021D-A13 Datasheet
827Kb / 4P
   5021D-A13 3 GHz, 35 關s Max External Fiber Delay Line System
5021D-A13-032550 EMCORE-5021D-A13-032550 Datasheet
827Kb / 4P
   5021D-A13 3 GHz, 35 關s Max External Fiber Delay Line System
5021D-A15 EMCORE-5021D-A15 Datasheet
791Kb / 4P
   5021D-A15 3 GHz, 65 us Max External Fiber Delay Line System
5021D-A15-062550 EMCORE-5021D-A15-062550 Datasheet
791Kb / 4P
   5021D-A15 3 GHz, 65 us Max External Fiber Delay Line System
More results

Similar Description - 5021D-A11

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
5021D-B11 EMCORE-5021D-B11 Datasheet
912Kb / 4P
   5021D-B11 7 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-C11 EMCORE-5021D-C11 Datasheet
908Kb / 4P
   5021D-C11 13 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-D11 EMCORE-5021D-D11 Datasheet
911Kb / 4P
   5021D-D11 18 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-A15 EMCORE-5021D-A15 Datasheet
791Kb / 4P
   5021D-A15 3 GHz, 65 us Max External Fiber Delay Line System
5021D-A13 EMCORE-5021D-A13 Datasheet
827Kb / 4P
   5021D-A13 3 GHz, 35 關s Max External Fiber Delay Line System
5021D-B13 EMCORE-5021D-B13 Datasheet
830Kb / 4P
   5021D-B13 7 GHz, 35 us Max External Fiber Delay Line System
5021D-C13 EMCORE-5021D-C13 Datasheet
832Kb / 4P
   5021D-C13 13 GHz, 35 us Max External Fiber Delay Line System
5021D-D13 EMCORE-5021D-D13 Datasheet
837Kb / 4P
   5021D-D13 18 GHz, 35 us Max External Fiber Delay Line System
5021D-D15 EMCORE-5021D-D15 Datasheet
826Kb / 4P
   5021D-D15 18 GHz, 65 us Max External Fiber Delay Line System
5021D-C15 EMCORE-5021D-C15 Datasheet
821Kb / 4P
   5021D-C15 13 GHz, 65 關s Max External Fiber Delay Line System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com