Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4661 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4661
Description  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661 Datasheet(HTML) 4 Page - Analog Devices

  ADN4661 Datasheet HTML 1Page - Analog Devices ADN4661 Datasheet HTML 2Page - Analog Devices ADN4661 Datasheet HTML 3Page - Analog Devices ADN4661 Datasheet HTML 4Page - Analog Devices ADN4661 Datasheet HTML 5Page - Analog Devices ADN4661 Datasheet HTML 6Page - Analog Devices ADN4661 Datasheet HTML 7Page - Analog Devices ADN4661 Datasheet HTML 8Page - Analog Devices ADN4661 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADN4661
Rev. 0 | Page 4 of 12
AC CHARACTERISTICS
VCC = 3 V to 3.6 V; RL = 100 Ω; CL1 = 15 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter2
Symbol
Min
Typ
Max
Unit
Conditions/Comments3, 4
Differential Propagation Delay High to Low
tPHLD
0.3
0.8
1.5
ns
See Figure 3 and Figure 4
Differential Propagation Delay Low to High
tPLHD
0.3
1.1
1.5
ns
See Figure 3 and Figure 4
Differential Pulse Skew |tPHLD − tPLHD|5
tSKD1
0
0.3
0.7
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew6
tSKD3
0
1.0
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew7
tSKD4
0
1.2
Ns
See Figure 3 and Figure 4
Rise Time
tTLH
0.2
0.5
1.0
ns
See Figure 3 and Figure 4
Fall Time
tTHL
0.2
0.5
1.0
ns
See Figure 3 and Figure 4
Maximum Operating Frequency8
fMAX
350
MHz
See Figure 3
1 CL includes probe and jig capacitance.
2 AC parameters are guaranteed by design and characterization.
3 Generator waveform for all tests, unless otherwise specified: f = 50 MHz, ZO = 50 Ω, tTLH ≤ 1 ns, and tTHL ≤ 1 ns.
4 All input voltages are for one channel unless otherwise specified. Other inputs are set to GND.
5 tSKD1 = |tPHLD − tPLHD| is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the
same channel.
6 tSKD3, differential part-to-part skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification
applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
7 tSKD4, differential part-to-part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over recommended
operating temperatures and voltage ranges, and across process distribution. tSKD4 is defined as |maximum − minimum| differential propagation delay.
8 fMAX generator input conditions: tTLH = tTHL < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% to 55%, VOD > 250 mV, all channels
switching.
Test Circuits and Timing Diagrams
RL/2
RL/2
DIN
DOUT+
DOUT–
VCC
VCC
VOS
VOD
V
V
Figure 2. Test Circuit for Driver VOD and VOS
CL
CL
DIN
DOUT+
DOUT–
NOTES
1. CL INCLUDES PROBE AND JIG CAPACITANCE.
SIGNAL
GENERATOR
VCC
50Ω
Figure 3. Test Circuit for Driver Propagation Delay, Transition Time, and Maximum Operating Frequency
DIN
VDIFF
tPLHD
tPHLD
VDIFF = DOUT+ –DOUT–
VOH
VOL
VOD
3V
1.5V
0V (DIFFERENTIAL)
0V
80%
20%
0V
DOUT+
DOUT–
tTLH
tTHL
Figure 4. Driver Propagation Delay and Transition Time Waveforms


Similar Part No. - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com