Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELLATV331M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELLATV331M
Description  Power Inductors / Wire Wound type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELLATV331M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELLATV331M Datasheet HTML 1Page - Panasonic Semiconductor ELLATV331M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
2.0±0.3
4.0±0.3
16.0±0.3
4.8±0.3
0.4±0.1
R0.5
max.
f1.5
+0.1
–0
Quantity 500 pcs./reel
Tape running direction
Standard Parts
Embossed Carrier Tape Dimensions in mm (not to scale)
✽ Current: This indicates the value of current when the inductance is 70 % of nominal value or when the case temperature has risen 45 °C (at 20 °C)
Part No.
Inductance (100 kHz)
RDC (at 20 °C)
Rated
Current
(mA) max.
Marking
(μH)
Tolerance
(m
Ω)Tolerance
ELLATV1R5N
1.5
±30 %
5.3
±20 %
6700
1R5
ELLATV2R2N
2.2
6.3
6200
2R2
ELLATV3R3N
3.3
8.8
5350
3R3
ELLATV4R3N
4.3
10
5000
4R3
ELLATV5R1N
5.1
14
4350
5R1
ELLATV6R8N
6.8
16
4000
6R8
ELLATV8R2N
8.2
18
3700
8R2
ELLATV100M
10.0
±20 %
23
3300
100
ELLATV120M
12.0
25
2900
120
ELLATV150M
15.0
32
2800
150
ELLATV180M
18.0
38
2500
180
ELLATV220M
22.0
45
2200
220
ELLATV270M
27.0
56
2000
270
ELLATV330M
33.0
62
1800
330
ELLATV390M
39.0
74
1600
390
ELLATV470M
47.0
94
1550
470
ELLATV560M
56.0
100
1350
560
ELLATV680M
68.0
130
1200
680
ELLATV820M
82.0
150
1100
820
ELLATV101M
100.0
180
1000
101
ELLATV121M
120.0
190
840
121
ELLATV151M
150.0
250
780
151
ELLATV181M
180.0
320
750
181
ELLATV221M
220.0
360
700
221
ELLATV271M
270.0
460
600
271
ELLATV331M
330.0
550
550
331
ELLATV391M
390.0
690
520
391
ELLATV471M
470.0
780
470
471
ELLATV561M
560.0
820
390
561
ELLATV681M
680.0
1150
370
681
ELLATV821M
820.0
1270
340
821
ELLATV102M
1000.0
1750
320
102
Sep. 2012
02
78


Similar Part No. - ELLATV331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ELLATV331M PANASONICBATTERY-ELLATV331M Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Panasonic Semiconductor
ELLATV331M PANASONIC-ELLATV331M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type Magnetic shielded structure
ELLATV331M PANASONIC-ELLATV331M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
More results

Similar Description - ELLATV331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com