Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFR1C562B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFR1C562B
Description  Aluminum Electrolytic Capacitors/ FR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFR1C562B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFR1C562B Datasheet HTML 1Page - Panasonic Semiconductor EEUFR1C562B Datasheet HTML 2Page - Panasonic Semiconductor EEUFR1C562B Datasheet HTML 3Page - Panasonic Semiconductor EEUFR1C562B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
φ10<
φd±0.05
Sleeve
14 min.
3 min.
L
L<16:L±1.5
L
>20:L
±2.0
Pressure relief
φ6.3<
+
<
φ8
φD±0.5
φD±0.5
Country of origin
Malaysia
Radial Lead Type
Series:
FR
Type:
A
Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
22 µF to 8200 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (µA) After 2 minutes
tan
δ
W.V.
6.3
10
16
25
35
50
(120 Hz/+20 °C)
tan
δ
0.22
0.19
0.16
0.14
0.12
0.10
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
φ5 11/ φ6.3 11.2 : 2000 hours, φ8 11.5/ φ10 12.5 : 6000 hours
φ8 15/ φ10 16 : 8000 hours, φ8×20 : 9000 hours
φ10 20 to φ10 25/ φ12.5 20 to φ12.5 35/ φ16 20 to φ16 25 : 10000 hours
Capacitance change ±25 % of initial measured value (6.3 V to 10 V : ±30 %)
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm (not to scale)
W.V.(V.DC)
Cap (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 50
22
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
8200
0.75
0.80
0.95
1.00
1.00
Frequency correction factor for ripple current
Body Dia.
φD5
6.3
8
10
12.5
16
Body Length L
12.5 to 25
30 to 35
Lead Dia.
φd0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
(mm)
[mm]
Features
● Low ESR (Same as FM Series)
● Endurance : 2000 h to 10000 h at +105 °C
● RoHS directive compliant
Apr. 2010
01


Similar Part No. - EEUFR1C562B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1C562 PANASONIC-EEUFR1C562 Datasheet
109Kb / 4P
   Radial Lead Type
EEUFR1C562 PANASONIC-EEUFR1C562 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
EEUFR1C562 PANASONIC-EEUFR1C562 Datasheet
149Kb / 6P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1C562 PANASONIC-EEUFR1C562 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1C562 PANASONIC-EEUFR1C562 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1C562B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com