Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJZEC1E120 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECJZEC1E120
Description  Multilayer Ceramic Capacitors (For General Electronic Equipment)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEC1E120 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECJZEC1E120 Datasheet HTML 4Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 5Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 6Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 7Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 8Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 9Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 10Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 11Page - Panasonic Semiconductor ECJZEC1E120 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
– EC16 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CK
CJ
CH
CG
0.5 ±0.25 pF (C) ECJ1VC1H0R5C
0.8
——
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VC1H010
0.8
——
1.5
ECJ1VC1H1R5
0.8
——
2
ECJ1VC1H020
0.8
——
3
ECJ1VC1H030
0.8
——
4
ECJ1VC1H040
0.8
5
ECJ1VC1H050
0.8
6
±0.5 pF (D)
ECJ1VC1H060D
0.8
7
ECJ1VC1H070D
0.8
8
ECJ1VC1H080D
0.8
9
ECJ1VC1H090D
0.8
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VC1H100
0.8
12
±5 % (J)
or
±10 % (K)
ECJ1VC1H120
0.8
15
ECJ1VC1H150
0.8
18
ECJ1VC1H180
0.8
22
ECJ1VC1H220
0.8
27
ECJ1VC1H270
0.8
33
ECJ1VC1H330
0.8
39
ECJ1VC1H390
0.8
47
ECJ1VC1H470
0.8
56
ECJ1VC1H560
0.8
68
ECJ1VC1H680
0.8
82
ECJ1VC1H820
0.8
100
ECJ1VC1H101
0.8
120
ECJ1VC1H121
0.8
150
ECJ1VC1H151
0.8
180
ECJ1VC1H181
0.8
220
ECJ1VC1H221
0.8
270
ECJ1VC1H271
0.8
330
ECJ1VC1H331
0.8
390
ECJ1VC1H391
0.8
470
ECJ1VC1H471
0.8
560
ECJ1VC1H561
0.8
680
ECJ1VC1H681
0.8
820
ECJ1VC1H821
0.8
1000
ECJ1VC1H102
0.8
Standard Products for EIA “0603”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
0.5 ±0.25 pF (C) ECJ1VG1H0R5C
0.8
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VG1H010
0.8
1.5
ECJ1VG1H1R5
0.8
2
ECJ1VG1H020
0.8
3
ECJ1VG1H030
0.8
4
ECJ1VG1H040
0.8
5
ECJ1VG1H050
0.8
6
±0.5 pF (D)
ECJ1VG1H060D
0.8
7
ECJ1VG1H070D
0.8
8
ECJ1VG1H080D
0.8
9
ECJ1VG1H090D
0.8
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VG1H100
0.8
12
±5 % (J)
or
±10 % (K)
ECJ1VG1H120
0.8
15
ECJ1VG1H150
0.8
18
ECJ1VG1H180
0.8
22
ECJ1VG1H220
0.8
27
ECJ1VG1H270
0.8
33
ECJ1VG1H330
0.8
39
ECJ1VG1H390
0.8
47
ECJ1VG1H470
0.8
56
ECJ1VG1H560
0.8
68
ECJ1VG1H680
0.8
82
ECJ1VG1H820
0.8
100
ECJ1VG1H101
0.8
120
ECJ1VG1H121
0.8
150
ECJ1VG1H151
0.8
180
ECJ1VG1H181
0.8
220
ECJ1VG1H221
0.8
270
ECJ1VG1H271
0.8
330
ECJ1VG1H331
0.8
390
ECJ1VG1H391
0.8
470
ECJ1VG1H471
0.8
560
ECJ1VG1H561
0.8
680
ECJ1VG1H681
0.8
820
ECJ1VG1H821
0.8
1000
ECJ1VG1H102
0.8
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Sep. 2008
00


Similar Part No. - ECJZEC1E120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEC1E120 PANASONIC-ECJZEC1E120 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1E120 PANASONIC-ECJZEC1E120 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1E120 PANASONIC-ECJZEC1E120 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEC1E120 PANASONIC-ECJZEC1E120 Datasheet
855Kb / 12P
   Multilayer Ceramic Capacitors For General Electronic Equipment
ECJZEC1E120 PANASONIC-ECJZEC1E120 Datasheet
860Kb / 12P
   Multilayer Ceramic Capcaitors For General Usage
More results

Similar Description - ECJZEC1E120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1C103K PANASONIC-ECJ-1VB1C103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1E103K PANASONIC-ECJ-0EB1E103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEC1C680 PANASONIC-ECJZEC1C680 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1E104K PANASONIC-ECJ-2VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VB1H822K PANASONIC-ECJ-1VB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-1VF1E104Z PANASONIC-ECJ-1VF1E104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VB1H333K PANASONIC-ECJ-2VB1H333K Datasheet
877Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-2VC1H471J PANASONIC-ECJ-2VC1H471J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EC1H100D PANASONIC-ECJ-0EC1H100D Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ-0EB1C683K PANASONIC-ECJ-0EB1C683K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com