Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEVFK1E330P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEVFK1E330P
Description  Aluminum Electrolytic Capacitor/FK series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVFK1E330P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEVFK1E330P Datasheet HTML 1Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 2Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 3Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 4Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 5Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 6Page - Panasonic Semiconductor EEVFK1E330P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
n Case size VS Capacitance, Impedance and Ripple current
Capacitance
(µF)
W.V.
Impedance;(W/100kHz,+20°C),
Ripple current;(mA r.m.s./100kHz+105°C)
10
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
4.7
10
22
33
47
68
100
150
220
330
390
470
680
1000
1500
2200
3300
3.3
4.7
10
22
33
47
68
100
150
220
330
470
680
B
C(B)
D(C)
D
D8
E
F
F
G
H13
J16
1.35
0.7(1.35)
0.36(0.7)
0.36
0.34
0.26
0.16
0.16
0.08
0.06
0.035
90
160(90)
240(160)
240
280
300
600
600
850
1100
1800
B
C(B)
D
D8
E
F
F
F
G
H13
J16
K16
1.35
0.7(1.35)
0.36
0.34
0.26
0.16
0.16
0.16
0.08
0.06
0.035
0.033
90
160(90)
240
280
300
600
600
600
850
1100
1800
2060
B
C(B)
D(C)
D
D
D8
D8
E
F
F
G
H13
J16
K16
1.35
0.7(1.35)
0.36(0.7)
0.36
0.36
0.34
0.34
0.26
0.16
0.16
0.08
0.06
0.035
0.033
90
160(90)
240(160)
240
240
280
280
300
600
600
850
1100
1800
2060
6.3
10
16
25
35
50
63
80
100
B
C
D(C)
D
D
D8
E
F
F
F
G
H13
J16
K16
1.35
0.7
0.36(0.7)
0.36
0.36
0.34
0.26
0.16
0.16
0.16
0.08
0.06
0.035
0.033
90
160
240(160)
240
240
280
300
600
600
600
850
1100
1800
2060
B
C(B)
C
D
D
D8
D8
F
F
F
G
H13
H13
J16
J16
1.35
0.7(1.35)
0.7
0.36
0.36
0.34
0.34
0.16
0.16
0.16
0.08
0.06
0.06
0.035
0.035
90
160(90)
160
240
240
280
280
600
600
600
850
1100
1100
1800
1800
B
D(C)
D
D8
E
E(D8)
F
G
G
H13
H13
J16
J16
J16
2.9
0.88(1.52)
0.88
0.68
0.68
0.68
0.34
0.18
0.18
0.12
0.12
0.073
0.073
0.073
60
165(85)
165
195
195
195
350
670
670
900
900
1610
1610
1610
C
D
D8
E
F
F
F
G
H13
H13
J16
K16
3
1.5
1.2
1.2
0.65
0.65
0.65
0.35
0.16
0.16
0.082
0.080
50
80
120
120
250
250
250
400
800
800
1410
1690
C
D
D8
E
F
F
F
G
H13
H13
H13
J16
K16
5
3
2.4
2.4
1.3
1.3
1.3
0.7
0.32
0.32
0.32
0.17
25
40
60
60
130
130
130
200
500
500
500
793
917
F
G
H13
H13
J16
J16
K16
K16
130
200
500
500
793
793
917
917
1.3
0.7
0.32
0.32
0.17
0.17
0.153
0.153
Size
Impedance
Ripple
current
Size
Impedance
Ripple
current
Size
Impedance
Ripple
current
Capacitance
(µF)
W.V.
Size Impedance
Ripple
current
Size Impedance
Ripple
current
Size Impedance
Ripple
current
Capacitance
(µF)
W.V.
Size
Impedance
Ripple
current
Size
Impedance
Ripple
current
Size
Impedance
Ripple
current
( );Miniaturization type
Life time 5000h available upon request(suffix : G)
0.153
Aluminum Electrolytic Capacitor/FK series
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.


Similar Part No. - EEVFK1E330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVFK1E330P PANASONIC-EEVFK1E330P Datasheet
117Kb / 6P
   ALUMINUM ELEECTROLYTIC CAPACITORS/FK
EEVFK1E330P PANASONIC-EEVFK1E330P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEVFK1E330P PANASONIC-EEVFK1E330P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK1E330P PANASONIC-EEVFK1E330P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
More results

Similar Description - EEVFK1E330P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-FK1V221P PANASONIC-EEV-FK1V221P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1E100R PANASONIC-EEV-FK1E100R Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C470P PANASONIC-EEV-FK1C470P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1C471P PANASONIC-EEV-FK1C471P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEV-FK1H221P PANASONIC-EEV-FK1H221P Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series
EEVFK0J220R PANASONIC-EEVFK0J220R_1 Datasheet
295Kb / 7P
   Aluminum Electrolytic Capacitor/FK series Endurance: 2000 to 5000h at105C
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com