Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMN22112 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AMN22112
Description  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN22112 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AMN22112 Datasheet HTML 1Page - Panasonic Semiconductor AMN22112 Datasheet HTML 2Page - Panasonic Semiconductor AMN22112 Datasheet HTML 3Page - Panasonic Semiconductor AMN22112 Datasheet HTML 4Page - Panasonic Semiconductor AMN22112 Datasheet HTML 5Page - Panasonic Semiconductor AMN22112 Datasheet HTML 6Page - Panasonic Semiconductor AMN22112 Datasheet HTML 7Page - Panasonic Semiconductor AMN22112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
MOUNTING DIRECTION
NOTES
For Cautions for Use.
Y direction
X direction
Z direction
Y
X
Z
1) Detection area
As shown on the diagram, the
detection zone is polarized.
If a target enters the
detection zones
+ and − at
the same time, the signals
are respectively cancelled
and detection could become
impossible at maximum
detection range.
Detection
zone
Target
2) Direction
As detailed on the
diagram, please install
the sensor so that the
expected trespassing
direction corresponds to the
axis X or axis Y.
In some cases, going back and
forth towards the sensor (parallel
movement to the axis Z), may not be detected.
1. Checkpoints relating to principal of
operation
PaPIRs is a pyroelectric infrared sensor
that detect variations in infrared rays.
However, it may not detect in the
following case: lack of movement, No
temperature change in the heat source.
Beside, it could also detect the presence
of heat sources other than a human body.
Efficiency and reliability of the system
may vary depending actual operating
conditions:
1) Detecting heat sources other than the
human body, such as
(1) Small animals entering the detection
area.
(2) When a heat source for example
sunlight, incandescent light, car
headlights etc, or strong light beam hit
the sensor regardless inside or outside
the detection area.
(3) Sudden temperature change inside or
around the detection area caused by hot
or cold wind from HVAC, or vapor from
the humidifier, etc.
2) Difficulty in sensing the heat source
(1) Glass, acrylic or similar materials
standing between the target and the
sensor may not allow a correct
transmission of infrared rays.
(2) Non-movement or quick movements
of the heat source inside the detection
area. (Please refer to the section on the
detection performance ratings for details
about movement speed.)
3) Expansion of the detection area
In case of considerable difference in the
ambient temperature and the human
body temperature, detection area may be
wider apart from the configured detection
area.
4) Malfunction/Detection error
Unnecessary detection signal might be
outputted, on rare occasions, come from
sudden outbreak output due to the nature
of pyroelectric element. When the
application does not accept such
conditions strictly, please implement the
countermeasure by introducing pulse
count circuit etc.
2. Optimal operating environment
conditions
1) Temperature: Refer to the absolute
maximum rating.
2) Humidity degree: 15 to 85%Rh (Avoid
condensation or freezing of this product)
3) Pressure: 86 to 106KPa
4) Overheating, oscillations, shocks can
cause the sensor to malfunction.
5) This sensor is not waterproof or
dustproof. Avoid use in environments
subject to excessive moisture,
condensation, frost, containing salt air or
dust.
6) Avoid use in environments with
corrosive gases.
3. Handling cautions
1) Do not solder with a soldering iron
above 350
°C 662°F, or for more than 3
seconds. This sensor should be hand
soldered.
2) To maintain stability of the product,
always mount on a printed circuit board.
3) Do not use liquids to wash the sensor.
If washing fluid gets through the lens, it
can reduce performance.
4) Do not use a sensor after it fell on the
ground.
5) The sensor may be damaged by
±200
volts of static electricity. Avoid direct hand
contact with the pins and be very careful
when operating the product.
6) When wiring the product, always use
shielded cables and minimize the wiring
length to prevent noise disturbances.
7) The inner circuit board could be
destroyed by a voltage surge.
Use of surge absorption elements is
highly recommended.
Surge resistance: below the power
supply voltage value indicated in the
maximum rated values section.
8) Please use a stabilized power supply.
Power supply noise can cause operating
errors.
Noise resistance:
±20V or less (Square
waves with a width of 50ns or 1
µs)
To reduce the effect of power supply
noise, install a capacitor on the sensor’s
power supply pin.
9) Operating errors can be caused by
noise from static electricity, lightning, cell
phone, amateur radio, broadcasting
offices etc...
10) Detection performance can be
reduced by dirt on the lens.
11) The lens is made of soft materials
(Polyethylene). Please avoid adding
weight or impacts that might change its
shape, causing operating errors or
reduce performance.
12) Operating “temperatures” and
“humidity level” are suggested to prolong
usage. However, they do not guarantee
durability or environmental resistance.
Generally, high temperatures or high
humidity levels will accelerate the
deterioration of electrical components.
Please consider both the planned usage
and environment to determine the
expected reliability and length of life of
the product.
13) Do not attempt to clean this product
with any detergent or solvent, such as
benzene or alcohol, as these can cause
shape or color alterations.
14) Avoid storage in high, low
temperature or liquid environments.
As well, avoid storage in environments
containing corrosive gas, dust, salty air
etc. It could cause performance
deterioration and the sensor’s main part
or the metallic connectors could be
damaged.


Similar Part No. - AMN22112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN22112 PANASONIC-AMN22112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN22112 PANASONIC-AMN22112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Nais(Matsushita Electri...
AMN22112 NAIS-AMN22112 Datasheet
1Mb / 9P
   MOTION SENSOR (PASSIVE INFRARED TYPE)
More results

Similar Description - AMN22112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com