Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC06D271E Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELC06D271E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D271E Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELC06D271E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D271E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f 16.0 max.
20.0 max.
f 1.0
7.5
±0.5
7.5
±0.1
2–
f 1.50
±0.05
S
F
Examples Type 18B
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC18B3R3L
3.3
±20
10
0.010
8.50
ELC18B3R9L
3.9
0.011
8.00
ELC18B4R7L
4.7
0.012
7.80
ELC18B5R6L
5.6
0.013
7.40
ELC18B6R8L
6.8
0.015
6.80
ELC18B8R2L
8.2
0.016
6.60
ELC18B100L
10.0
0.017
6.50
ELC18B120L
12.0
0.018
6.00
ELC18B150L
15.0
0.021
5.90
ELC18B180L
18.0
0.022
5.60
ELC18B220L
22.0
±10
0.025
5.40
ELC18B270L
27.0
0.028
4.80
ELC18B330L
33.0
0.030
4.60
ELC18B390L
39.0
0.033
4.40
ELC18B470L
47.0
0.037
4.30
ELC18B560L
56.0
0.040
4.20
ELC18B680L
68.0
0.046
4.00
ELC18B820L
82.0
0.051
3.70
ELC18B101L
100.0
0.057
3.20
ELC18B121L
120.0
0.065
3.00
ELC18B151L
150.0
0.072
2.70
ELC18B181L
180.0
0.082
2.60
ELC18B221L
220.0
0.090
2.40
ELC18B271L
270.0
0.110
2.20
ELC18B331L
330.0
0.130
1.90
ELC18B391L
390.0
0.150
1.80
ELC18B471L
470.0
0.210
1.60
ELC18B561L
560.0
0.230
1.50
ELC18B681L
680.0
0.260
1.40
ELC18B821L
820.0
0.340
1.30
ELC18B102L
1000.0
0.390
1.10
ELC18B122L
1200.0
0.440
1.00
ELC18B152L
1500.0
0.580
0.85
ELC18B182L
1800.0
0.650
0.84
ELC18B222L
2200.0
0.880
0.75
ELC18B272L
2700.0
1.200
0.68
ELC18B332L
3300.0
1.400
0.60
ELC18B392L
3900.0
1.500
0.57
ELC18B472L
4700.0
1.700
0.55
ELC18B562L
5600.0
2.200
0.46
ELC18B682L
6800.0
2.800
0.45
ELC18B822L
8200.0
3.100
0.41
ELC18B103L
10000.0
3.900
0.36
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Feb. 2006


Similar Part No. - ELC06D271E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D271E PANASONIC-ELC06D271E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D271E PANASONIC-ELC06D271E Datasheet
136Kb / 7P
   Choke Coils
ELC06D271E PANASONIC-ELC06D271E Datasheet
771Kb / 10P
   Choke Coils
ELC06D271E PANASONIC-ELC06D271E Datasheet
136Kb / 7P
   Choke Coils
ELC06D271E PANASONIC-ELC06D271E Datasheet
551Kb / 8P
   Adoption of High -m and High Bm ferrite cores
More results

Similar Description - ELC06D271E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com