Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMN34111 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AMN34111
Description  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN34111 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AMN34111 Datasheet HTML 1Page - Panasonic Semiconductor AMN34111 Datasheet HTML 2Page - Panasonic Semiconductor AMN34111 Datasheet HTML 3Page - Panasonic Semiconductor AMN34111 Datasheet HTML 4Page - Panasonic Semiconductor AMN34111 Datasheet HTML 5Page - Panasonic Semiconductor AMN34111 Datasheet HTML 6Page - Panasonic Semiconductor AMN34111 Datasheet HTML 7Page - Panasonic Semiconductor AMN34111 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
High-sensitive
human detection sensor
with built-in amp.
PIR MOTION SENSOR
ADVANTAGES
• Simplified circuitry with fully integrated circuit design
• 1
µA low current consumption with the proprietary design
• Excellent resistance to electromagnetic noise
• High Signal/Noise ratio to minimize false operation
• Environment-friendliness with “Lead-free” element
TYPICAL APPLICATIONS
• Lighting: lamp, automatic switch, street lighting
• Anti-crime devices: security camera, crime-prevention
sensor
• Home appliance: air conditioner, air purifier, fan heater
• Commercial equipments: vending machine, copy machine
• Audio and Visual devices: TV, PC, display
Standard type
Slight motion
detection type
Spot detection
type
Standard type
Long distance
detection type
10m detection
type
WL series / VZ series
NaPiOn series
RoHS compliant
FEATURES
1. Sensing circuits enclosed in a TO5 can
The high-density embedded circuit design eliminates external
sensing circuits. Advantages include reduced development and
design schedules.
2. Super low current consumption
Reduction of current consumption allows battery life to be
extended for battery driven products, including wireless based
and low power consumption devices.
Lens
Lens
Sensor module
IC
PIR element
Chip parts
PC board
Shielded plate
Capacitor
3. Excellent noise resistance
(Radiations noise, power supply noise)
The entire circuitry is enclosed in a metal package, which means
it has high electromagnetic shielding capability.
4. Miniaturized lenses with small elements
A short focal length is all that’s required even when detecting at
the same distance, which means both downsizing and high-
sensitivity are achieved.
GND
Vd
Radiation
noise
Power supply
superimposed
noise
OUT
Small
movement


Similar Part No. - AMN34111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN34111 PANASONIC-AMN34111 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN34111 PANASONIC-AMN34111 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
More results

Similar Description - AMN34111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com