Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1754C-19-BB-SC-06 Datasheet(PDF) 7 Page - Emcore Corporation

Part # 1754C-19-BB-SC-06
Description  1754C C-Band DWDM DFB Laser Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-19-BB-SC-06 Datasheet(HTML) 7 Page - Emcore Corporation

  1754C-19-BB-SC-06 Datasheet HTML 1Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 2Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 3Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 4Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 5Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 6Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DATASHEET | DECEMBER 2013
FIBER OPTICS
| REV 2013.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1754C – ww - xx – yy – zz
Family Name
Analog 1550 nm, DFB, Laser
ITU Channel Wavelengths
ww = 18: Channel 18, 1563.05 nm
ww = 19: Channel 19, 1562.23 nm
…..
ww = 64: Channel 64, 1526.44 nm
CATV Channel Plan
xx = BB: Broadband
xx = RP: Return Path
Connectors
yy = FC: FC/APC
yy = SC: SC/APC
1754C C-Band DWDM DFB Laser Module
Minimum Optical Power
zz = 06: 6 mW
zz = 08: 8 mW
zz = 10: 10 mW
zz = 16: 16 mW
Example
1754C-32-BB-SC-08: 1754C, ITU channel 32, 1551.72 nm, SC/APC connector, 8 mW minimum optical power.


Similar Part No. - 1754C-19-BB-SC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-19-BB-SC-06 EMCORE-1754C-19-BB-SC-06 Datasheet
710Kb / 7P
   C-Band DWDM DFB Laser Component
1754C-19-BB-SC-06 EMCORE-1754C-19-BB-SC-06 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
More results

Similar Description - 1754C-19-BB-SC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C Datasheet
710Kb / 7P
   C-Band DWDM DFB Laser Component
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com