Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2C-EV05 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E2C-EV05
Description  Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C-EV05 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E2C-EV05 Datasheet HTML 7Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 8Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 9Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 10Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 11Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 12Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 13Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 14Page - Omron Electronics LLC E2C-EV05 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
E2C-EDA
Dimensions
Sensors
3 dia.
18
Vinyl-insulated round coaxial cable
1.7 dia., 1 core
-F: 0.5 m
5.2 dia.
8
Vinyl-insulated round cable
3.4 dia., 3 cores
-F: 3 m Flexible Cable
6
15
20.6
57
10
18
15.8
Connector
E2C-EDR6-F
5.4 dia.
18
Vinyl-insulated round coaxial cable
2.5 dia., 1 core
Standard: 2 m/-F: 0.5 m
5.2 dia.
8
Vinyl-insulated round cable
3.4 dia., 3 cores
Standard: 0.5 m/-F: 3 m
Flexible Cable
6
15
20.6
57
10
18
15.8
Connector
E2C-ED01(-F)
8 dia.
22
Vinyl-insulated round coaxial cable
2.5 dia., 1 core
Standard: 2 m/-F: 0.5 m
5.2 dia.
8
Vinyl-insulated round cable
3.4 dia., 3 cores
Standard: 0.5 m/-F: 3 m
Flexible Cable
6
15
20.6
57
10
18
15.8
Connector
E2C-ED02(-F)
16.6
22
(5.4)
Vinyl-insulated round coaxial cable
2.5 dia., 1 core
Standard: 2 m/-F: 0.5 m
5.2 dia.
8
Vinyl-insulated round cable
3.4 dia., 3 cores
Standard: 0.5 m/-F: 3 m
Flexible Cable
6
15
20.6
57
10
18
15.8
Connector
8 dia.
16
18 dia.
M10
× 1
Clamping nut
Toothed washer
4
E2C-EM02(-F)
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.


Similar Part No. - E2C-EV05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2C-10-20-038-0 ETC2-E2C-10-20-038-0 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4DH OMRON-E2C-JC4DH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
More results

Similar Description - E2C-EV05

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com