Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2C-EM02 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2C-EM02
Description  Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C-EM02 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E2C-EM02 Datasheet HTML 2Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 3Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 4Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 5Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 6Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 7Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 8Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 9Page - Omron Electronics LLC E2C-EM02 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
E2C-EDA
6
Influence of Sensor Head Temperature
E2C-EM07(-
@)
E2C-EV05(-
@)
E2C-EM02H
E2C-EDR6-F
E2C-ED01(-
@)
E2C-ED02(-
@)/EM02(-@)
E2C-EM07(-
@)
E2C-EV05(-
@)
E2C-EM02H
@d
t=3mm
X
12
10
8
6
4
2
0
10
20
30
40
50
Length of sensed object d (mm)
Iron
Stainless
Aluminium
@d
t=3mm
X
10
8
6
4
2
0
10
20
30
40
50
Length of sensed object d (mm)
Iron
Stainless
Aluminium
@d
t=3mm
X
4
3
2
1
0
10
20
30
40
50
Length of sensed object d (mm)
Iron
Stainless
Aluminium
0.35
0.30
0.25
−20
0
20
40
60
Ambient temperature of Sensor Head (°C)
0.55
0.50
0.45
−20
0
20
40
60
Ambient temperature of Sensor Head (°C)
1.1
1.0
0.9
−20
0
20
40
60
Ambient temperature of Sensor Head (°C)
4.0
3.5
3.0
−20
0
20
40
60
Ambient temperature of Sensor Head (°C)
2.7
2.5
2.3
−20
0
20
40
60
Ambient temperature of Sensor Head (°C)
1.1
1.0
0.9
−50
0
50
100
150
200
Ambient temperature of Sensor Head (°C)


Similar Part No. - E2C-EM02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2C-10-20-038-0 ETC2-E2C-10-20-038-0 Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4DH OMRON-E2C-JC4DH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
More results

Similar Description - E2C-EM02

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com