Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C152K1GAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1206C152K1GAC
Description  CERAMIC CHIP CAPACITORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C152K1GAC Datasheet(HTML) 3 Page - Kemet Corporation

  C1206C152K1GAC Datasheet HTML 1Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 2Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 3Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 4Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 5Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 6Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 7Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 8Page - Kemet Corporation C1206C152K1GAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP/STANDARD
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FF
FB
FB
FC
FF
FG
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FF
FF
FF
FF
FG
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FE
FE
FG
FC
FF
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
CAP.
PF
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
273
333
CAP
CODE
CAP.
TOL.
C
C
C
C
C
,D
,D
,D
,D
,D
D
D
D
D
,F
,F
,F
,F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
G
G
G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
J
J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
C0G CAPACITANCE RANGE – 1210, 1812, 1825, 2220, 2225
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
X7R CAPACITANCE RANGE – 0402, 0603, 0805, 1206
* Capacitance K or M. ontact KEMET Sales Rep for J tolerance availability. +_ Reflow Only.
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
# X7R dielectric - Extended Range Values - Cap and DF measured @ 0.5 Vrms.
See page 63 for Thickness Code Reference Chart.
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
See page 7
8 for Thickness Code Reference Chart.
74
10V 16V 25V 50V 100V 200V 50V 100V 200V 50V 100V 200V 50V 100V 200V 50V 100V 200V
0.5-2.4 508-249 D
.
FB
FB
FB
FB
FB
FB
2.7-9.1 279-919 D
K,M
FBFB
FBFB
FB
FB
10.0-13.0 100-130 D
J,K,M
FBFB
FBFB
FB
FB
15.0-24.0 150-240 D
G,J,K,M
FBFB
FBFB
FB
FB
27.0-51.0 270-510 D,F,G,J,K,M
FBFB
FBFB
FB
FB
56.0-82.0 560-820
F,G,J,K,M
FBFB
FBFB
FB
FB
91.0-360.0 910-361
F,G,J,K,M
FBFB
FBFB
FB
FB
390.0
391
F,G,J,K,M
FBFB
FBFB
FB
FB
430.0
431
F,G,J,K,M
FBFB
FBFB
FB
FB
470.0
471
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
510.0
511
F,G,J,K,M
FBFB
FBFB
FB
FB
560.0
561
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
620.0
621
F,G,J,K,M
FBFB
FBFB
FB
FB
680.0
681
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
750.0
751
F,G,J,K,M
FBFB
FBFB
FB
FB
820.0
821
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
910.0
911
F,G,J,K,M
FBFB
FBFB
FB
FB
1,000.0
102
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
1,100.0
112
F,G,J,K,M
FBFB
FBFB
FB
FB
1,200.0
122
F,G,J,K,M
FBFB
FBFB
FB
FB
GB
GB
GB
1,300.0
132
F,G,J,K,M
FBFB
FBFB
FB
FC
1,500.0
152
F,G,J,K,M
FBFB
FBFB
FB
FE
GB
GB
GB
1,600.0
162
F,G,J,K,M
FBFB
FBFB
FB
FE
1,800.0
182
F,G,J,K,M
FBFB
FBFB
FB
FE
GB
GB
GB
2,000.0
202
F,G,J,K,M
FBFB
FBFB
FC
FE
2,200.0
222
F,G,J,K,M
FBFB
FBFB
FC
FG
GB
GB
GB
2,400.0
242
F,G,J,K,M
FBFB
FBFB
FC
FC
2,700.0
272
F,G,J,K,M
FBFB
FBFB
FC
FC
GB
GB
GB
3,000.0
302
F,G,J,K,M
FBFB
FBFB
FC
FF
3,300.0
332
F,G,J,K,M
FBFB
FBFB
FF
FF
GB
GB
GB
3,600.0
362
F,G,J,K,M
FBFB
FBFB
FF
FF
3,900.0
392
F,G,J,K,M
FBFB
FBFB
FF
FF
GB
GB
GB
HB
HB
HB
4,300.0
432
F,G,J,K,M
FBFB
FBFB
FF
FF
4,700.0
472
F,G,J,K,M
FFFF
FFFF
FG
FG
GB
GB
GD
HB
HB
HB
KB
KB
KB
5,100.0
512
F,G,J,K,M
FBFB
FBFB
FG
FG
5,600.0
562
F,G,J,K,M
FBFB
FBFB
FG
FG
GB
GB
GHHB
HB
HB
KB
KB
KB
6,200.0
622
F,G,J,K,M
FBFB
FBFB
FG
6,800.0
682
F,G,J,K,M
FBFB
FBFB
FG
GB
GB
GJ
HB
HB
HB
JB
JB
KB
KB
KB
7,500.0
752
F,G,J,K,M
FCFC
FCFC
FC
8,200.0
822
F,G,J,K,M
FCFC
FCFC
FC
GB
GH
HB
HB
HB
JB
JB
KB
KB
KB
9,100.0
912
F,G,J,K,M
FEFE
FEFE
FE
10,000.0
103
F,G,J,K,M
FFFF
FFFF
FF
GB
GH
HB
HB
HE
JB
JB
KB
KB
KB
12,000.0
123
F,G,J,K,M
FGFG
FGFG
FB
GB
GG
HB
HB
HE
JB
JB
KB
KB
KB
15,000.0
153
F,G,J,K,M
FGFG
FGFG
FB
GB
GB
HB
HB
JB
JB
KB
KB
KE
18,000.0
183
F,G,J,K,M
FBFB
FBFB
FB
GB
GB
HB
HE
JB
JB
KB
KB
22,000.0
223
F,G,J,K,M
FBFB
FBFB
FB
GB
GB
HB
HE
JB
JB
KB
KB
27,000.0
273
F,G,J,K,M
FBFB
FBFB
FB
GB
GB
HB
HF
JB
JB
KB
KE
33,000.0
333
F,G,J,K,M
FBFB
FBFB
FB
GB
GB
JB
JB
KB
47,000.0
473
F,G,J,K,M
FBFB
FBFB
FE
GB
GB
JB
JB
56,000.0
563
F,G,J,K,M
FBFB
FBFB
FF
GB
GB
JB
JB
68,000.0
683
F,G,J,K,M
FBFB
FBFC
FG
GB
GB
JB
JB
82,000.0
823
F,G,J,K,MFC
FC
FC
FF
FH
GB
GB
JB
JB
100,000.0
104
F,G,J,K,M
FE
FE
FE
FG
FM+
GB
GD
JB
JB
120,000.0
124
F,G,J,K,MFG
FG
FG
FH
GB
GH
JB
JB
150,000.0
154
F,G,J,K,M
FH
FH
FH FM+
GD
GN
JB
JB
220,000.0
224
F,G,J,K,M FK+ FK+ FK+
GK
JB
JD
270,000.0
274
F,G,J,K,M
JB
JF
330,000.0
334
F,G,J,K,M
JD
JH
470,000.0
474
F,G,J,K,M
JG
560,000.0
564
F,G,J,K,M
Cap
pF
Cap
Code
Cap
Tolerance
C1210*
C1812*
C1825*
C2220
C2225
6.3V
10V
16V
25V
50V
6.3V
10V
16V
25V
50V
100V 200V
6.3V
10V
16V
25V
50V
100V 200V
6.3V
10V
16V
25V
50V
100V 200V
150
151
J, K, M
BB
BB
BB
BB
BB
180
181
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
220
221
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
270
271
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
330
331
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
390
391
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
470
471
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
560
561
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
680
681
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
820
821
J, K, M
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
1,000
102
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
1,200
122
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
1,500
152
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
1,800
182
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
2,200
222
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
2,700
272
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
3,300
332
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
3,900
392
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
4,700
472
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
5,600
562
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
6,800
682
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
8,200
822
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
10,000
103
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
12,000
123
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EBEBEBEBEBEBEB
15,000
153
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DC
EBEBEBEBEBEBEB
18,000
183
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DC
EBEBEBEBEBEBEB
22,000
223
J, K, M
BBBBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DC
EBEBEBEBEBEBEB
27,000
273
J, K, M
BBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DE
EBEBEBEBEBEBEB
33,000
333
J, K, M
BBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DE
EBEBEBEBEBEBEB
39,000
393
J, K, M
BBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DD
DE
EBEBEBEBEB
EC
EB
47,000
473
J, K, M
BBBBBBBB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DE
DG
EBEBEBEBEB
EC
ED
56,000
563
J, K, M
BBBBBB
CB
CB
CB
CB
CB
DD
DD
DD
DD
DD
DE
DG
EBEBEBEBEBEB
ED
68,000
683
J, K, M
BBBBBB
CB
CB
CB
CB
CB
DD
DD
DD
DD
DD
DE
EBEBEBEBEBEB
ED
82,000
823
J, K, M
BBBBBB
CB
CB
CB
CB
CB
DD
DD
DD
DD
DD
DE
EBEBEBEBEBEB
ED
100,000
104
J, K, M
BBBBBB
CB
CB
CB
CB
CB
DD
DD
DD
DD
DD
DE
EBEBEBEBEBEB
EM
120,000
124
J, K, M
CBCBCB
CB
DC
DC
DC
DC
DD
DG
ECECECECECEC
EM
150,000
154
J, K, M
CBCBCB
CD
DC
DC
DC
DC
DD
ECECECECECEC
EG
180,000
184
J, K, M
CBCBCB
DC
DC
DC
DC
DD
ECECECECECEC
220,000
224
J, K, M
CBCBCB
CD
DC
DC
DC
DC
DD
DG
ECECECECECEC
270,000
274
J, K, M
CB
CB
CB
DDDDDDDD
EB
EB
EB
EB
EC
EM
330,000
334
J, K, M
CB
CB
CB
DD
DD
DD
DD
DD
EB
EB
EB
EB
EC
EG
390,000
394
J, K, M
CB
CB
CB
DG
DG
DG
DG
DE
EB
EB
EB
EB
EC
EG
470,000
474
J, K, M
CBCBCB
DD
DD
DD
DD
DE
ECECECECEC
EG
560,000
564
J, K, M
DD
DD
DD
DG
DH
ED
ED
ED
ED
EC
680,000
684
J, K, M
DD
DD
DD
DG
DH
EE
EE
EE
EE
ED
820,000
824
J, K, M
DD
DD
DD
DG
EF
EF
EF
EF
ED
1,000,000
105
J, K, M
CC*
CC*
CC*
DD
DD
DD
DG
EF
EF
EF
EG
ED
1,200,000
125
J, K, M
DE
DE
DE
ED
ED
ED
EG
EH
1,500,000
155
J, K, M
DG
DG
DG
EF
EF
EF
EG
EH
1,800,000
185
J, K, M
DG
DG
DG
EF
EF
EF
EH
2,200,000
225
J, K, M
DG
DG
DG
ED
ED
ED
EF
EH
2,700,000
275
J, K, M
EN
EN
EN
3,300,000
335
J, K, M
ED
ED
ED
EH
3,900,000
395
J, K, M
EF
EF
EF
4,700,000
475
J, K, M
EF+
EF+
EF+
EH+
5,600,000
565
J, K, M
EH+
EH+
EH+
6,800,000
685
J, K, M
EH+
EH+
EH+
8,200,000
825
J, K, M
EH+
EH+
EH+
10,000,000
106
J, K, M
EH+
EH+
EH+
C1206
C0805
C0402
Cap
pF
Cap
Code
Cap Tol
C0603


Similar Part No. - C1206C152K1GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C152K1RACAUTO KEMET-C1206C152K1RACAUTO Datasheet
521Kb / 4P
   SMD Auto X7R, Ceramic, 1500 pF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 1206
5/14/2023
More results

Similar Description - C1206C152K1GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com