Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27C128-70JC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM27C128-70JC
Description  112dB 192kHz 24-BIT SCH DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C128-70JC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM27C128-70JC Datasheet HTML 3Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 4Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 5Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 6Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 7Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 8Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 9Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 10Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Am27C128
7
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products. . . . . . . . . . . . . . . . . . –65
°C to +125°C
All Other Products . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to VSS
All pins except A9, VPP, VCC . . –0.6 V to VCC + 0.6 V
A9 and VPP (Note 2) . . . . . . . . . . . . . –0.6 V to 13.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V
Notes:
1. Minimum DC voltage on input or I/O pins –0.5 V. During
voltage transitions, the input may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on input
and I/O pins is VCC + 5 V. During voltage transitions, input
and I/O pins may overshoot to VCC + 2.0 V for periods up
to 20 ns.
2. Minimum DC input voltage on A9 is –0.5 V. During voltage
transitions, A9 and VPP may overshoot VSS to –2.0 V for
periods of up to 20 ns. A9 and VPP must not exceed +13.5
V at any time.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum ratings for extended periods
may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . .–55°C to +125°C
Supply Read Voltages
VCC for ± 5% devices . . . . . . . . . . +4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.


Similar Part No. - AM27C128-70JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-120 AMD-AM27C1024-120 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-150 AMD-AM27C1024-150 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-200 AMD-AM27C1024-200 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-255 AMD-AM27C1024-255 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
More results

Similar Description - AM27C128-70JC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
   112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
   112dB 192kHz 24-Bit 2ch DS DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com