Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27C128-70JC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM27C128-70JC
Description  112dB 192kHz 24-BIT SCH DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C128-70JC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM27C128-70JC Datasheet HTML 1Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 2Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 3Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 4Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 5Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 6Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 7Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 8Page - Advanced Micro Devices AM27C128-70JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Am27C128
3
ORDERING INFORMATION
UV EPROM Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am27C128
128 Kilobit (16 K x 8-Bit) CMOS UV EPROM
AM27C128
-45
D
C
OPTIONAL PROCESSING
Blank = Standard Processing
B
= Burn-In
TEMPERATURE RANGE
C = Commercial (0
°C to +70
°C)
I= Industrial (–40
°C to +85°C)
E
= Extended (–55
°C to +125°C)
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CDV028)
SPEED OPTION
See Product Selector Guide and Valid Combinations
B
Valid Combinations
AM27C128-45
DC, DCB, DI, DIB
AM27C128-55
AM27C128-70
DC, DCB, DI, DIB, DE, DEB
AM27C128-90
AM27C128-120
AM27C128-150
AM27C128-200
AM27C128-255
VCC = 5.0 V ± 5%
DC, DCB, DI, DIB


Similar Part No. - AM27C128-70JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-120 AMD-AM27C1024-120 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-150 AMD-AM27C1024-150 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-200 AMD-AM27C1024-200 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-255 AMD-AM27C1024-255 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
More results

Similar Description - AM27C128-70JC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
   112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
   112dB 192kHz 24-Bit 2ch DS DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com