Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1615A-SC-20 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1615A-SC-20
Description  1615A 1310 nm DFB Laser Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1615A-SC-20 Datasheet(HTML) 1 Page - Emcore Corporation

  1615A-SC-20 Datasheet HTML 1Page - Emcore Corporation 1615A-SC-20 Datasheet HTML 2Page - Emcore Corporation 1615A-SC-20 Datasheet HTML 3Page - Emcore Corporation 1615A-SC-20 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | JULY 2013
FIBER OPTICS
| REV 2013.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
1310 nm Transmission
Wireless/DAS Applications
Long Distances
High Optical Splits
Features
OC-48 Pinout Compatible
Telecordia TechnologiesTM 468
Compliant
Industrial Temperature Range – Stable
Even in Harsh Environments
The 1615A 1310 nm DFB laser modules are designed for both wireless and
distributed antenna system applications. This highly-linear OC-48 pinout
compatible device delivers superior distortion performance over an enhanced
temperature range of -40
C to +85C.
Performance Highlights
Parameter
Min
Typical
Max
Units
Wavelength
1300
-
1320
nm
Slope Efficiency
0.30
-
-
mW/mA
Temperature Range
-40
-
+85
C
Frequency Range
5
-
2700
MHz
2
nd Order IMD
62
-
-
dB
3
rd Order IMD
70
-
-
dB
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional
operation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect device reliability.
Parameter
Symb
l
Condition
Min
Max
Unit
Operating Temperature Range
Tc
Continuous
-40
+85
°C
Storage Temperature Range
TSTG
-
-40
+85
°C
Laser Forward dc Current
-
-
-
150
mA
Photodiode Reverse Voltage
VRPD
-
-
10
V
Laser Reverse Voltage, dc
-
-
-
1
V
ESD
-
HBM: R = 1500 Ohm,
C = 100pF
-500
500
V
TEC Current
ITEC
Continuous
-1.9
1.9
A
1615A 1310 nm DFB Laser Module


Similar Part No. - 1615A-SC-20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1615A HAMMOND-1615A Datasheet
319Kb / 2P
   Push - Pull Audiophile - Output (1608-1650 A Series)
More results

Similar Description - 1615A-SC-20

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1612AB1 EMCORE-1612AB1 Datasheet
664Kb / 6P
   1612A/B 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
   1310 nm DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com