Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUED2D220B Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUED2D220B
Description  Aluminum Electrolytic Capacitors/ ED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUED2D220B Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUED2D220B Datasheet HTML 1Page - Panasonic Semiconductor EEUED2D220B Datasheet HTML 2Page - Panasonic Semiconductor EEUED2D220B Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
– EE201 – sn –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours)
(mm)
(mm)
(mm)
(pcs.)
(pcs.)
400
10
10
20
300
0.24
8000
0.6
5.0
5.0
EEUED2G100( )
200
500
15
12.5
20
4100.2410000
0.6
5.0
5.0
EEUED2G150( )
200
500
22
12.5
25
5000.2410000
0.6
5.0
5.0
EEUED2G220( )
200
500
16
20
6000.2410000
0.8
7.5
7.5
EEUED2G220S( )
100
250
33
16
20
7300.2410000
0.8
7.5
7.5
EEUED2G330S( )
100
250
47
16
25
8400.2410000
0.8
7.5
7.5
EEUED2G470( )
100
250
18
20
8400.2410000
0.8
7.5
7.5
EEUED2G470S( )
100
250
68
18
31.5
1200
0.24
10000
0.8
7.5
EEUED2G680
50
82
18
40
1500
0.24
10000
0.8
7.5
EEUED2G820
50
450
10
12.5
20
3500.2410000
0.6
5.0
5.0
EEUED2W100( )
200
500
15
12.5
25
5600.2410000
0.6
5.0
5.0
EEUED2W150( )
200
500
22
16
20
6800.2410000
0.8
7.5
7.5
EEUED2W220S( )
100
250
33
16
31.5
8500.2410000
0.8
7.5
EEUED2W330
100
18
25
8500.2410000
0.8
7.5
7.5
EEUED2W330S( )
100
250
47
18
31.5
1000
0.24
10000
0.8
7.5
EEUED2W470
50
68
18
40
1300
0.24
10000
0.8
7.5
EEUED2W680
50
Endurance : 105 °C
φ10=8000 h, φ12.5 to φ18=10000 h
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Oct. 2008
01


Similar Part No. - EEUED2D220B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUED2D220B PANASONIC-EEUED2D220B Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EEUED2D220B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com