Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1A563EA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETHC1A563EA
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1A563EA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETHC1A563EA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1A563EA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1A563EA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitors
Highly miniaturized version (30% smaller than HB series)
2 and 3 pin versions available
2000 hour life at 105°C
Can vent construction
Part Number System
Voltage
Capacitance
Code
Code
23
4.0mm
4.0mm
HP
JQ
KR
LS
TS-HC Standard Ratings (part numbers shown with 2 pins, 6.3mm length terminal, and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
12000
22 x 25
2.20
2.53
0.076
0.065
EETHC1A123BA
18000
22 x 40
3.50
4.03
0.041
0.035
EETHC1C183BA
18000
22 x 30
2.40
2.76
0.051
0.043
EETHC1A183BA
25 x 30
3.50
4.03
0.041
0.035
EETHC1C183CA
25 x 25
2.40
2.76
0.051
0.043
EETHC1A183CA
22000
22 x 45
3.80
4.37
0.034
0.029
EETHC1C223BA
22000
22 x 35
2.60
2.99
0.041
0.035
EETHC1A223BA
25 x 35
3.80
4.37
0.034
0.029
EETHC1C223CA
25 x 30
2.60
2.99
0.041
0.035
EETHC1A223CA
30 x 25
3.80
4.37
0.034
0.029
EETHC1C223DA
27000
22 x 40
3.10
3.57
0.034
0.029
EETHC1A273BA
27000
22 x 50
4.20
4.83
0.028
0.023
EETHC1C273BA
25 x 35
3.10
3.57
0.034
0.029
EETHC1A273CA
25 x 40
4.20
4.83
0.028
0.023
EETHC1C273CA
30 x 25
3.10
3.57
0.034
0.029
EETHC1A273DA
30 x 30
4.20
4.83
0.028
0.023
EETHC1C273DA
33000
22 x 45
3.40
3.91
0.028
0.023
EETHC1A333BA
35 x 25
4.20
4.83
0.028
0.023
EETHC1C273EA
25 x 40
3.40
3.91
0.028
0.023
EETHC1A333CA
33000
25 x 45
4.70
5.41
0.023
0.019
EETHC1C333CA
39000
25 x 45
3.70
4.26
0.026
0.022
EETHC1A393CA
30 x 35
4.70
5.41
0.023
0.019
EETHC1C333DA
30 x 30
3.70
4.26
0.026
0.023
EETHC1A393DA
35 x 30
4.70
5.41
0.023
0.020
EETHC1C333EA
35 x 25
3.70
4.26
0.026
0.022
EETHC1A393EA
39000
30 x 40
5.10
5.87
0.022
0.018
EETHC1C393DA
47000
25 x 50
4.20
4.83
0.024
0.021
EETHC1A473CA
35 x 35
5.10
5.87
0.022
0.020
EETHC1C393EA
30 x 35
4.20
4.83
0.024
0.022
EETHC1A473DA
47000
30 x 45
5.50
6.33
0.016
0.014
EETHC1C473DA
35 x 30
4.20
4.83
0.024
0.021
EETHC1A473EA
35 x 40
5.50
6.33
0.021
0.019
EETHC1C473EA
56000
30 x 40
5.00
5.75
0.023
0.021
EETHC1A563DA
56000
30 x 50
6.00
6.90
0.020
0.018
EETHC1C563DA
35 x 35
5.00
5.75
0.023
0.020
EETHC1A563EA
35 x 45
6.00
6.90
0.020
0.018
EETHC1C563EA
68000
30 x 45
5.40
6.21
0.022
0.020
EETHC1A683DA
35 x 40
5.40
6.21
0.022
0.019
EETHC1A683EA
6800
22 x 25
2.40
2.76
0.085
0.064
EETHC1E682BA
82000
35 x 45
6.10
7.02
0.021
0.019
EETHC1A823EA
8200
22 x 30
2.70
3.11
0.071
0.053
EETHC1E822BA
100000
35 x 50
6.90
7.94
0.020
0.019
EETHC1A104EA
25 x 25
2.70
3.11
0.071
0.053
EETHC1E822CA
10000
22 x 35
3.00
3.45
0.058
0.044
EETHC1E103BA
10000
22 x 25
2.60
2.99
0.075
0.063
EETHC1C103BA
12000
22 x 40
3.20
3.68
0.048
0.036
EETHC1E123BA
12000
22 x 30
2.90
3.34
0.062
0.053
EETHC1C123BA
25 x 30
3.20
3.68
0.048
0.036
EETHC1E123CA
25 x 25
2.90
3.34
0.062
0.053
EETHC1C123CA
15000
22 x 45
3.60
4.14
0.039
0.029
EETHC1E153BA
15000
22 x 35
3.20
3.68
0.050
0.042
EETHC1C153BA
25 x 35
3.60
4.14
0.039
0.029
EETHC1E153CA
# of pins:
pin length:
Top Vinyl Plate
without plate (no suffix)
E
Common Code
Series
2
22mm
25mm
30mm
35mm
Diameter / Terminal Code
Size (mm)
D x L
22
16 VDC Working, 20 VDC Surge (continued)
25 VDC Working, 32 VDC Surge
16 VDC Working, 20 VDC Surge
10 VDC Working, 13 VDC Surge
D x L
Max 105°C R.C. (Arms)
20°C ESR (Ω, max.)
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
3vCV (µA) max. after 5 minutes;
C = Capacitance in µF, V = WV
Ripple Current Multipliers:
± 20%
Leakage Current:
Max 105°C R.C. (Arms)
-25 ~ +105°C
270~100000 µF
100 ~ 820µF
2000 hours at +105°C with maximum specified ripple current (see page 4)
A with plate
Code
20°C ESR (Ω, max.)
6.3mm
Endurance:
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Size (mm)
(Please see page 7 for details)
TS-HC Series
snap-in style
D
B
C
Rated Working Voltage:
10 ~ 250 VDC
Nominal Capacitance:
350 ~ 450 VDC
Operating Temperature:
-40 ~ +105°C
E
E
T
H
C
Frequency(Hz):
10~100WV:
50
160~500WV:
60
100~120
500
1k
10k~
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors*
=45°C
2.35
60°C
70°C
85°C
Ambient Temperature:
Multiplier:
1.0
2.0
2.2
1.05
105°C
1.7
Working Voltage [V]:
Max. D.F. (%):
16
45
25
35
35
30
50
25
63
20
80
17
100 - 450
15
(rated cap. [µF] - 33000)
1000
For capacitance values > 33000µF, add the value of:
10
55


Similar Part No. - EETHC1A563EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EETHC1A563EA PANASONICBATTERY-EETHC1A563EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Panasonic Semiconductor
EETHC1A563EA PANASONIC-EETHC1A563EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC1A563EA PANASONIC-EETHC1A563EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC1A563EA PANASONIC-EETHC1A563EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC1A563EA PANASONIC-EETHC1A563EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EETHC1A563EA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com