Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMPCBSMAFSTJBHT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMPCBSMAFSTJBHT
Description  SMA (F) Jack For Edge PCB Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMPCBSMAFSTJBHT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMPCBSMAFSTJBHT Datasheet HTML 1Page - List of Unclassifed Manufacturers EMPCBSMAFSTJBHT Datasheet HTML 2Page - List of Unclassifed Manufacturers EMPCBSMAFSTJBHT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPE-12-8-134/A/WY
Page 2 of 3
1. Introduction
The EMPCB.SMAFSTJ.B.HT connector was designed to be mounted on a PCB edge. The edge
mount configuration allows the connector to be easily slotted onto a PCB board; the maximum
thickness of PCB that the connector can be used with is 0.8mm. The connector pin is directly
soldered onto pads on the PCB. The connector is a standard SMA (F) Jack. The SMA connector is
the most popular type connector for RF applications. Taoglas connectors are all RoHS compliant.
2. Specification
ELECTRICAL
Impedance
50Ω
Frequency Range
0~12.4 GHz
Working Voltage
Max. 335 Vrms
Insulation Resistance
Min. 5000M ohms
MECHANICAL
Connector Dimension
6.35 X 6.35 X13.3 mm
Max. Thickness PCB acceptable
0.8 mm
Connector Pin Diameter
0.76 mm
Connector Type
SMA (F) to PCB Edge Mounted
ENVIRONMENTAL
RoHS compliant


Similar Part No. - EMPCBSMAFSTJBHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMPCBSMAFSTJCHT ETC2-EMPCBSMAFSTJCHT Datasheet
153Kb / 3P
   SMA (F) Jack For Edge PCB Mount
More results

Similar Description - EMPCBSMAFSTJBHT

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
EMPCB-SMAFSTJ-C TAOGLAS-EMPCB-SMAFSTJ-C Datasheet
190Kb / 4P
   SMA(F)JACK FOR EDGE PCB MOUNT
logo
List of Unclassifed Man...
EMPCBSMAFSTJCHT ETC2-EMPCBSMAFSTJCHT Datasheet
153Kb / 3P
   SMA (F) Jack For Edge PCB Mount
PCBSMAFSTJAHT ETC2-PCBSMAFSTJAHT Datasheet
248Kb / 3P
   SMA (F) Surface Mount PCB Jack
PCBSMAFSTJBHT ETC2-PCBSMAFSTJBHT Datasheet
207Kb / 3P
   SMA (F) Surface Mount PCB Jack
logo
Taoglas antenna solutio...
PCB-SMAFST-J-B-HT TAOGLAS-PCB-SMAFST-J-B-HT Datasheet
207Kb / 3P
   SMA(F) Surface Mount PCB Jack
logo
List of Unclassifed Man...
EMPCBMMCXFSTJACKHT ETC2-EMPCBMMCXFSTJACKHT Datasheet
186Kb / 3P
   MMCX (F) Jack For Edge PCB Mount
logo
Taoglas antenna solutio...
PCB-RPSMAFRA-HT TAOGLAS-PCB-RPSMAFRA-HT Datasheet
245Kb / 3P
   RP-SMA(F)RA PCB Mount Jack Connector
logo
Adam Technologies, Inc.
RF2-19-T-00-50-G ADAM-TECH-RF2-19-T-00-50-G Datasheet
51Kb / 1P
   SMA PCB MOUNT JACK
logo
Linx Technologies
CONSMA003.042-L-G LINX-CONSMA003.042-L-G Datasheet
805Kb / 6P
   SMA Jack PCB Edge-Mount Connector
2021
CONSMA020.042-G LINX-CONSMA020.042-G Datasheet
816Kb / 6P
   SMA Jack PCB Edge-Mount Connector
2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com