Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM0203F2102806 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM0203F2102806
Description  Ceiling-mounted 3dBi Wide-band Antenna 700MHz to 6GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM0203F2102806 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM0203F2102806 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM0203F2102806 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6
5
4
3
2
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
(MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
(MHz)
SPE-11-8-075/C/SS | page 5 of 10
3.4 Peak Gain
3.5 Antenna 3D Average Gain
SPE-11-8-075/C/SS
Page 5 of 8
3.3 Antenna Efficiency
0
10
20
30
40
50
60
70
80
90
100
500
1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000(MHz)
3.4 Peak Gain
0
1
2
3
4
5
6
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
(
MHz)
SPE-11-8-075/C/SS
Page 6 of 8
3.5 Antenna 3D Average Gain
-4
-3
-2
-1
0
1
500
1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000
(
MHz)
3.6 Radiation Pattern
y
x
z
1
0
-1
-2
-3
-4


Similar Part No. - CM0203F2102806

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
logo
Champion Microelectroni...
CM02 CHAMP-CM02 Datasheet
190Kb / 8P
   Magic Switch
logo
DDK Ltd.
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02-8DP4SD(D1)-FG DDK-CM02-8DP4SD(D1)-FG Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
More results

Similar Description - CM0203F2102806

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
   CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
logo
Molex Electronics Ltd.
PS-1462340100 MOLEX-PS-1462340100 Datasheet
382Kb / 7P
   698MHZ-6GHZ WIDE BAND ANTENNA
2017/11/21
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
   CEILING MOUNTED MIMO WIFI ANTENNA
logo
Laird Tech Smart Techno...
CMX69273P LSTD-CMX69273P Datasheet
475Kb / 3P
   698??700MHz Ceiling Mount
logo
Raltron Electronics Cor...
RCL-MB3C7-17072-1M-H-001 RALTRON-RCL-MB3C7-17072-1M-H-001 Datasheet
173Kb / 1P
   CEILING ANTENNA
logo
Linear Technology
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
   700MHz to 6GHz Low Power Direct Quadrature Modulator
logo
Laird Tech Smart Techno...
S54717P LSTD-S54717P Datasheet
923Kb / 1P
   Wide-Band Panel Antenna
logo
World Produts Inc.
WPANT30041-RA WPI-WPANT30041-RA Datasheet
137Kb / 2P
   3G / 4G Penta-band Indoor Ceiling mount Antenna
WPANT30040-RA WPI-WPANT30040-RA Datasheet
159Kb / 2P
   3G / 4G Penta-band Indoor Ceiling mount Antenna
logo
Molex Electronics Ltd.
1462340050 MOLEX-1462340050 Datasheet
42Kb / 2P
   698MHz-6GHz Wide Band Antenna, 50.00mm Cable Length, Compatible with U.FL / IPEX MHF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com