Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3036CI1CH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CI1CH
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CI1CH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSSC3036CI1CH Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3036CI1CH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20 — May 28, 2013. All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
For more information, contact ZMDI via mobile.sensing@zmdi.com.
Brief Description
The ZSSC3036 is a sensor signal conditioner (SSC)
integrated circuit for high-accuracy amplification and
analog-to-digital conversion of a differential input
signal. Designed for high-resolution altimeter module
applications, the ZSSC3036 can perform offset,
span, and 1
st and 2nd order temperature compen-
sation of the measured signal. Developed for correc-
tion of resistive bridge sensors, it can also provide a
corrected temperature output measured with an
internal sensor.
The measured and corrected bridge values are
provided at the digital output pins, which can be
configured as I
2C™* (≤ 3.4MHz) or SPI (≤ 20MHz).
Digital compensation of signal offset, sensitivity,
temperature, and non-linearity is accomplished via
an 18-bit internal digital signal processor (DSP) run-
ning a correction algorithm. Calibration coefficients
are stored on-chip in a highly reliable, non-volatile,
multiple-time programmable (MTP) memory. Pro-
gramming the ZSSC3036 is simple via the serial
interface. The IC-internal charge pump provides the
MTP programming voltage. The interface is used for
the PC-controlled calibration procedure, which pro-
grams the set of calibration coefficients in memory.
The ZSSC3036 provides accelerated signal process-
ing in order to support high-speed control, safety,
and real-time sensing applications. It complements
ZMDI’s additional ZSSC30x6 products.
Features
Flexible, programmable analog front-end design;
up to 16-bit scalable, charge-balancing two-
segment analog-to-digital converter (ADC)
Fully programmable gain amplifier accepting
sensors from 14 to 72 (linear factor)
Internal auto-compensated temperature sensor
Digital compensation of individual sensor offset;
1
st and 2nd order digital compensation of sensor
gain as well as of 1
st and 2nd order temperature
gain and offset drift
Fast sensing: 16-bit conditioned sensor signal
measurement rate at more than 200s
-1
Typical sensor elements can achieve accuracy of
less than ±0.10% FSO** @ -40 to 110°C
Benefits
Integrated 18-bit calibration math DSP
Fully corrected signal at digital output
Layout customized for die-die bonding with
sensor for high-density chip-on-board assembly
One-pass calibration minimizes calibration costs
No external trimming, filter, or buffering com-
ponents required
Highly integrated CMOS design
Excellent for low-voltage and low-power battery
applications
Optimized for operation in calibrated resistive
sensor modules
Physical Characteristics
Supply voltage range: 1.8 to 3.6V
Current consumption: 1mA (operating mode)
Sleep State current: 50nA (typical)
Temperature resolution: <0.003K/LSB
Operation temperatures: –40°C to +85°C
–40°C to +110°C
Small die size: 1.5mm²
Delivery options: die for wafer bonding
* I
2C™ is a trademark of NXP.
** FSO = Full Scale Output.
ZSSC3036 Application Example


Similar Part No. - ZSSC3036CI1CH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3036CI1CH IDT-ZSSC3036CI1CH Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036CI1CH RENESAS-ZSSC3036CI1CH Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3036CI1CH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3016 RENESAS-ZSSC3016 Datasheet
916Kb / 46P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com